công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P6KE47A bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện P6KE47A
Giải thích chi tiết về linh kiện  UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE47A bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  P6KE47A Datasheet HTML 1Page - STMicroelectronics P6KE47A Datasheet HTML 2Page - STMicroelectronics P6KE47A Datasheet HTML 3Page - STMicroelectronics P6KE47A Datasheet HTML 4Page - STMicroelectronics P6KE47A Datasheet HTML 5Page - STMicroelectronics P6KE47A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPES
IRM @VRM
VBR
@IR
VCL @IPP
VCL @IPP
αTC
max
min
nom
max
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Bidirectional
µA
VVV
V
mA
V
A
V
A
10
-4/
°CpF
P6KE220A
P6KE220CA
1
188
209
220
231
1
328
2
388
10.3
10.8
330
P6KE250A
P6KE250CA
1
213
237
250
263
1
344
2
442
9
11
310
P6KE300A
P6KE300CA
1
256
285
300
315
1
414
1.6
529
7.6
11
290
P6KE350A
P6KE350CA
1
299
332
350
368
1
482
1.6
618
6.5
11
270
P6KE400A
P6KE400CA
1
342
380
400
420
1
548
1.3
706
5.7
11
360
P6KE440A
P6KE440CA
1
376
418
440
462
1
603
1.3
776
5.2
11
350
Note 2 :
Pulse test : tp < 50 ms.
Note 3 :
∆VBR = αT * (Ta - 25) *VBR(25°C).
Note 4
VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2.
Fig 1: Peak pulse power dissipation versus initial
junction temperature (printed circuit board).
10 s
1000
s
%IPP
50
0
t
PUL SE WAVEFORM 10/1000
s
100
P6KExx
3/6



Html Pages

1 2 3 4 5 6