| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MK50H27PLCC bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H27PLCC bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 56 page ![]() 4.2.4 Receive Descriptor Ring Pointer BIT NAME DESCRIPTION 15 0 Reserved, must be written as a zero. 14:12 RLEN RECEIVE RING LENGTH is the number of entries in the Receive Descriptor Ring expressed as a power of two. RLEN Number of Entries 01 12 24 38 416 532 664 7 128 11:08 0 Reserved, must be written as zeroes. 07:00/15:00 RDRA RECEIVE DESCRIPTOR RING ADDRESS is the base address (lowest address) of the Receive Descriptor Ring. The Receive De- scriptor Address must begin on a word boundary. 4.2.5 Transmit Descriptor Ring Pointer 1 5 1 4 1 3 0 7 0 8 1 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 IADR + 36 IADR + 38 RDRA<15:00> 0 0 RLEN 0 0 0 0 RDRA<23:16> 1 5 1 4 1 3 0 7 0 8 1 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 IADR + 40 IADR + 42 TDRA<15:00> 0 0 TLEN 0 0 0 0 TDRA<23:16> MK50H27 31/56 |