| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7S721010VCFP bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7S721010VCFP bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 137 page ![]() R01DS0479EJ0100 Rev.1.00 Page 21 of 137 Dec. 25, 2024 RZ/A1H Group, RZ/A1M Group 2. Pin Sound generator SGOUT3 to SGOUT0 O Sound generator output Sound generator output pins. SD host interface SD_CLK_0, SD_CLK_1 O SD clock Output pins for SD clock. SD_CMD_0, SD_CMD_1 I/O SD command SD command output and response input signals. SD_D3_0 to SD_D0_0, SD_D3_1 to SD_D0_1 I/O SD data SD data bus signals. SD_CD_0, SD_CD_1 I SD card detection SD card detection. SD_WP_0, SD_WP_1 I SD write protection SD write protection signals. MMC host interface MMC_CLK O MMC clock Output pin for MMC clock. MMC_CMD I/O MMC command MMC command output and response input signal. MMC_D7 to MMC_D0 I/O MMC data MMC data bus signals. MMC_CD I MMC card detection MMC card detection. Motor control PWM timer PWM1H to PWM1A PWM2H to PWM2A O Timer output PWM output pins. A/D converter AN7 to AN0 I Analog input pins Analog input pins. ADTRG I A/D conversion trigger input External trigger input pin for starting A/D conversion. AVcc I Analog power supply Power supply pin for A/D converter. AVss I Analog ground Ground pin for A/D converter. AVref I Analog reference voltage Reference voltage pin for A/D converter. General I/O ports P2_0 to P2_15, P3_0 to P3_15, P4_0 to P4_15, P5_0 to P5_10, P6_0 to P6_15, P7_0 to P7_15, P8_0 to P8_15, P9_0 to P9_7, P10_0 to P10_15 P11_0 to P11_15 I/O General port General I/O port pins. P1_0 to P1_7 I/O General port 8 input port pins with open-drain output. JP0_0, JP0_1, P0_0 to P0_5, P1_8 to P1_15 I General port 16 general input port pins. Debugging interface TCK/SWDCLK I Test clock Test-clock input pin. Also used as the input clock pin for serial wire debugging TMS/SWDIO I, I/ O Test mode select Test-mode select signal input pin. Also used as the I/O data pin for serial wire debugging TDI I Test data input Serial input pin for instructions and data. TDO O Test data output Serial output pin for instructions and data. TRST I Test reset Initialization-signal input pin. TRACEDATA3 to TRACEDATA0 O Data output Trace data output pins. TRACECLK O Clock output Trace clock output pin. TRACECTL O Enable output Trace enable output pin. Classification Symbol I/O Name Function |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |