công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7S721010VCFP bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện R7S721010VCFP
Giải thích chi tiết về linh kiện  RZ/A1H Group, RZ/A1M Group
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7S721010VCFP bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button R7S721010VCFP Datasheet HTML 9Page - Renesas Technology Corp R7S721010VCFP Datasheet HTML 10Page - Renesas Technology Corp R7S721010VCFP Datasheet HTML 11Page - Renesas Technology Corp R7S721010VCFP Datasheet HTML 12Page - Renesas Technology Corp R7S721010VCFP Datasheet HTML 13Page - Renesas Technology Corp R7S721010VCFP Datasheet HTML 14Page - Renesas Technology Corp R7S721010VCFP Datasheet HTML 15Page - Renesas Technology Corp R7S721010VCFP Datasheet HTML 16Page - Renesas Technology Corp R7S721010VCFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 137 page
background image
R01DS0479EJ0100 Rev.1.00
Page 13 of 137
Dec. 25, 2024
RZ/A1H Group, RZ/A1M Group
2. Pin
2.
Pin
2.1
Pin Functions
2.1.1
Pin Function of Functional Blocks
Table 2.1
List of Pin Functions
Classification
Symbol
I/O
Name
Function
Power supply
Vcc
I
Power supply
Power supply pins. All the Vcc pins must
be connected to the system power
supply. This LSI does not operate
correctly if there is a pin left open.
Vss
I
Ground
Ground pins. All the Vss pins must be
connected to the system power supply (0
V). This LSI does not operate correctly if
there is a pin left open.
PVcc
I
Power supply for I/O
circuits
Power supply for I/O pins. All the PVcc
pins must be connected to the system
power supply. This LSI does not operate
correctly if there is a pin left open.
PLLVcc
I
Power supply for PLL
Power supply for the on-chip PLL
oscillator.
Clock
EXTAL
I
External clock
Connected to a crystal resonator. An
external clock signal may also be input to
the EXTAL pin.
XTAL
O
Crystal
Connected to a crystal resonator.
CKIO
O
System clock output
Supplies the system clock to external
devices.
AUDIO_CLK
I
External clock for
audio
Input pin of external clock for audio. A
clock input to the divider is selected from
an oscillation clock input on this pin or
pins AUDIO_X1 and AUDIO_X2.
AUDIO_X1
I
Crystal resonator/
external clock for
audio
Pins connected to a crystal resonator for
audio. An external clock can be input on
pin AUDIO_X1. A clock input to the
divider is selected from an oscillation
clock input on these pins or the
AUDIO_CLK pin.
AUDIO_X2
O
AUDIO_XOUT
O
AUDIO_X1 clock
output
Output for the on-chip crystal oscillator on
AUDIO_X1 or the external clock signal.
AUDIO_XOUT2
O
AUDIO_X1 divided-
by-two clock output
Output for the on-chip crystal oscillator on
AUDIO_X1 or the external clock signal
after frequency division of the selected
signal by two.
AUDIO_XOUT3
O
AUDIO_X1 divided-
by-three clock output
Output for the on-chip crystal oscillator on
AUDIO_X1 or the external clock signal
after frequency division of the selected
signal by three.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com