| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5671CDDFM bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFM bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp |
|
15 / 179 page ![]() RX671 Group 1. Overview R01DS0373EJ0120 Rev.1.20 Page 15 of 179 Sep 30, 2024 RX671 (D-version) R5F5671EHDLK PTLG0145KB-A 2 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671EDDLK PTLG0145KB-A 2 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671CHDLK PTLG0145KB-A 1.5 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671CDDLK PTLG0145KB-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +85 R5F56719HDLK PTLG0145KB-A 1 M 384 K 8 K 120 MHz Available –40 to +85 R5F56719DDLK PTLG0145KB-A 1 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671EHDLJ PTLG0100JB-A 2 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671EDDLJ PTLG0100JB-A 2 M 384 K 8 K 120 MHz Not available –40 to +85 R5F5671CHDLJ PTLG0100JB-A 1.5 M 384 K 8 K 120 MHz Available –40 to +85 R5F5671CDDLJ PTLG0100JB-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +85 R5F56719HDLJ PTLG0100JB-A 1 M 384 K 8 K 120 MHz Available –40 to +85 R5F56719DDLJ PTLG0100JB-A 1 M 384 K 8 K 120 MHz Not available –40 to +85 RX671 (G-version) R5F5671EHGFB PLQP0144KA-B 2 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671EDGFB PLQP0144KA-B 2 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671CHGFB PLQP0144KA-B 1.5 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671CDGFB PLQP0144KA-B 1.5 M 384 K 8 K 120 MHz Not available –40 to +105 R5F56719HGFB PLQP0144KA-B 1 M 384 K 8 K 120 MHz Available –40 to +105 R5F56719DGFB PLQP0144KA-B 1 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671EHGFP PLQP0100KB-B 2 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671EDGFP PLQP0100KB-B 2 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671CHGFP PLQP0100KB-B 1.5 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671CDGFP PLQP0100KB-B 1.5 M 384 K 8 K 120 MHz Not available –40 to +105 R5F56719HGFP PLQP0100KB-B 1 M 384 K 8 K 120 MHz Available –40 to +105 R5F56719DGFP PLQP0100KB-B 1 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671EHGFM PLQP0064KB-C 2 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671EDGFM PLQP0064KB-C 2 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671CHGFM PLQP0064KB-C 1.5 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671CDGFM PLQP0064KB-C 1.5 M 384 K 8 K 120 MHz Not available –40 to +105 R5F56719HGFM PLQP0064KB-C 1 M 384 K 8 K 120 MHz Available –40 to +105 R5F56719DGFM PLQP0064KB-C 1 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671EHGNE PWQN0048KC-A 2 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671EDGNE PWQN0048KC-A 2 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671CHGNE PWQN0048KC-A 1.5 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671CDGNE PWQN0048KC-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +105 R5F56719HGNE PWQN0048KC-A 1 M 384 K 8 K 120 MHz Available –40 to +105 R5F56719DGNE PWQN0048KC-A 1 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671EHGBP PTBG0064KB-A 2 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671EDGBP PTBG0064KB-A 2 M 384 K 8 K 120 MHz Not available –40 to +105 R5F5671CHGBP PTBG0064KB-A 1.5 M 384 K 8 K 120 MHz Available –40 to +105 R5F5671CDGBP PTBG0064KB-A 1.5 M 384 K 8 K 120 MHz Not available –40 to +105 Table 1.3 List of Products (2/3) Group Part No. Package Code Flash Memory Capacity (byte(s)) RAM Capacity (byte(s)) Data Flash Memory Capacity (byte(s)) Operating Frequency (Max.) Encryption Module Operating temperature (°C) |