| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/G2UL bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2UL bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 67 page ![]() RZ/G2UL Group 1. Overview R01DS0486EJ0110 Rev.1.10 Page 13 of 67 Jun 16, 2025 Shared L3$ 256 Kbytes Cortex-A55 MPCore CPG PLL/SSCG DDR3L/DDR4 SDRAM Sound Interface ISU SDHI / eMMC External Memory Storage and Network MTU3a WDT (2ch) I2C (4ch) SCIF (5ch) SCI/IrDA (1ch) RSPI (3ch) Analog Security PWM Timer Peripheral USB2.0 Host USB2.0 Host / Function GbEthernet GbEthernet CAN (2ch) SSIF (4ch) ADC (2ch) TrustedSecureIP (Option) OTP GPIO TSU (1 ch) Video Processing ACPU Bus GIC SDHI System Secure DMAC (16 ch) On-Chip RAM 64 Kbytes Network System Timer SCI (1 ch) GTM (3 ch) Internal Memory System DMAC (16 ch) LCD Controller Camera Interface Display Interface CRU VSPD DU MIPI CSI-2 Parallel Output FCPVD SYC Core 0 I$ 32 Kbytes NEON D$ 32 Kbytes Crypto (Option) Cortex-M33 MPU CoreSight Debug On-Chip RAM 64 Kbytes Internal Memory SPI Multi I/O External Memory Figure 1.1 Configuration of LSI Internal Bus |