| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F526TACDFM bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TACDFM bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp |
|
22 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 22 of 142 Oct 31, 2024 RX26T Group 1. Overview Serial communications interface (RSCI) Simple SPI mode SCK008, SCK009, SCK011 I/O Input/output pins for the clock SMISO008, SMISO009, SMISO011 I/O Input/output pins for slave transmission of data SMOSI008, SMOSI009, SMOSI011 I/O Input/output pins for master transmission of data SS008#, SS009#, SS011# Input Chip-select input pins HBS support mode RXD008, RXD009, RXD011 Input Input pins for received data TXDA008, TXDA009, TXDA011 Output Output pins for transmitted data TXDB008, TXDB009, TXDB011 I2C bus interface SCL0 I/O Input/output pin for I2C bus interface clocks. Bus can be directly driven by the N-channel open drain output. SDA0 I/O Input/output pin for I2C bus interface data. Bus can be directly driven by the N-channel open drain output. I3C bus interface SCL00 I/O Input/output pin for I3C bus interface clocks. SDA00 I/O Input/output pin for I3C bus interface data. CAN FD module CRX0 Input Input pins CTX0 Output Output pins Serial peripheral interface RSPCKA I/O Input/output pin for the RSPI clock. MOSIA I/O Input/output pin for transmitting data from the RSPI master. MISOA I/O Input/output pin for transmitting data from the RSPI slave. SSLA0 I/O Input/output pin to select the slave for the RSPI. SSLA1 to SSLA3 Output Output pins to select the slave for the RSPI. Serial peripheral interface (RSPIA) RSPCK0 I/O Input/output pin for the RSPIA clock. MOSI0 I/O Input/output pin for transmitting data from the RSPIA master. MISO0 I/O Input/output pin for transmitting data from the RSPIA slave. SSL00 I/O Input/output pin to select the slave for the RSPIA. SSL01 to SSL03 Output Output pins to select the slave for the RSPIA. 12-bit A/D converter AN000 to AN006, AN100 to AN103, AN200 to AN211, AN216, AN217 Input Input pins for the analog signals to be processed by the A/D converter. ADST0, ADST1, ADST2 Output Output pins for A/D conversion status. ADTRG0#, ADTRG1#, ADTRG2# Input Input pins for the external trigger signals that start the A/D conversion. 12-bit D/A converter DA0, DA1 Output Output pins for the analog signals to be processed by the D/A converter Comparator C COMP0 to COMP5 Output Comparator detection result output pins. CVREFC0, CVREFC1 Input Analog reference voltage supply pins for comparator C. CMPCnm Input Analog input pin for CMPCnm (n = 0 to 5, m = 0 to 3) Table 1.4 Pin Functions (4/5) Classifications Pin Name I/O Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |