công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F526TACDFM bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp

tên linh kiện R5F526TACDFM
Giải thích chi tiết về linh kiện  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TACDFM bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp

Back Button R5F526TACDFM Datasheet HTML 13Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 14Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 15Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 16Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 17Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 18Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 19Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 20Page - Renesas Technology Corp R5F526TACDFM Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 17 of 142
Oct 31, 2024
RX26T Group
1. Overview
1.3
Block Diagram
Figure 1.2 and Figure 1.3 show block diagrams.
Figure 1.2
Block Diagram (Products with 64 Kbytes of RAM)
RSPI × 1 channel
RSPIA × 1 channel
MTU × 9 channels
GPTW × 8 channels
HRPWM
Clock
generation
circuit
RX CPU
ROM
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port D
DTC
DMAC ×
8 channels
ICU
Port E
Port N
MPU
12-bit D/A Converter × 2 channels
CMT × 4 channels
TMR × 8 channels
POEG
POE3
RIIC × 1 channel
CANFD × 1 channel
RSCI × 3 channels
SCIh × 1 channel
CRC
DOC
CAC
IWDT
WDT
ELC
Trusted Secure IP
Data flash memory
Comparator C × 6 channels
RAM
SCIk × 3 channels
Temperature sensor
Sample and hold circuit
× 6 channels
12-bit A/D converter × 22 channels
Programmable gain amplifier
× 6 channels
RI3C × 1 channel
CMTW × 2 channels
TFU
ICU:
Interrupt controller
DTC:
Data transfer controller
DMAC:
DMA controller
WDT:
Watchdog timer
IWDT:
Independent watchdog timer
CRC:
CRC (cyclic redundancy check) calculator
SCIk, SCIh:
Serial communications interface
RSCI:
Serial communications interface
RSPI:
Serial peripheral interface
RSPIA:
Serial peripheral interface
Trusted Secure IP:Encryption engine
RIIC:
I2C bus interface
RI3C:
I3C bus interface
MTU:
Multi-function timer pulse unit 3
GPTW:
General PWM timer
POE3:
Port output enable 3
POEG:
Port output enable for GPTW
CMT:
Compare match timer
CMTW:
Compare match timer W
TMR:
8-bit timer
DOC:
Data operation circuit
CAC:
Clock frequency accuracy measurement circuit
CANFD:
CAN FD module
HRPWM:
High resolution PWM
ELC:
Event link controller
TFU:
Arithmetic unit for trigonometric functions
Note:
Available functions depend on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com