| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7F100LGG3CNP bảng dữ liệu(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7F100LGG3CNP bảng dữ liệu(HTML) 71 Page - Renesas Technology Corp |
|
71 / 148 page ![]() RL78/L23 2. Electrical Characteristics R01DS0502EJ0110 Rev.1.10 Page 71 of 145 Oct 31, 2025 Note 1. The listed currents are the total currents flowing into VDD, including the input leakage currents flowing when the level of the input pin is fixed to VDD or VSS. In the subsystem clock operation mode, the currents in the Typ. and Max. columns do not include the operating currents of the peripheral modules. Note 2. The listed currents apply when the HALT instruction has been fetched from the flash memory for execution. Note 3. The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock, and subsystem clock are stopped. Note 4. The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock, and low-speed on-chip oscillator are stopped. Note 5. The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, high-speed system clock, and low-speed on-chip oscillator are stopped, and the setting of RTCLPC is 1, and the low power consumption oscillation 3 is specified (AMPHS1, AMPHS0 = 11B). Note 6. The listed currents with this setting allow retention of the contents of the entire RAM area. The listed currents apply when the low-speed on-chip oscillator and subsystem clock oscillation are stopped. For the current for operation of the subsystem clock in the STOP mode, refer to that in the HALT mode. Note 7. The listed currents with this setting allow retention of the contents of a specified 4-Kbyte area of the RAM. The listed currents apply when the low-speed on-chip oscillator and subsystem clock oscillation are stopped. Note 8. The listed currents with this setting allow retention of the contents of a specified 4-Kbyte area of the RAM. The listed currents apply when the low-speed on-chip oscillator is stopped, the setting of RTCLPC is 1, and the low power consumption oscillation 3 is specified (AMPHS1, AMPHS0 = 11B). The current flowing into the RTC is included. Remark 1. fIL: Low-speed on-chip oscillator clock frequency Remark 2. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |