| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAPR2 bảng dữ liệu(PDF) 7 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
PAPR2 bảng dữ liệu(HTML) 7 Page - Clarke International |
|
7 / 24 page ![]() 7 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com a. Read and follow all user instructions in order to ensure correct system operation. 5. ALWAYS correctly use and maintain the lithium ion battery packs. Failure to do so may cause fire or explosion or could adversely affect respirator performance and result in injury, sickness, or death. a. DO NOT charge batteries with unapproved chargers or in enclosed spaces without ventilation, in hazardous locations, or near sources of high heat. b. Charge in an area free of combustible material and readily monitored. c. DO NOT immerse in water. d. DO NOT use, charge, or store batteries outside the recommended temperature limits. 6. If necessary, dispose of lithium ion batteries according to local environment regulations. DO NOT crush, disassemble, or dispose of in standard waste bins, in a fire or send for incineration. Failure to properly dispose of battery packs may lead to environmental contamination, fire or explosion. LIMITATIONS OF USE DO NOT wear this respirator system to enter areas where: 1. The atmosphere is oxygen deficient. 2. Contaminant concentrations are unknown. 3. Contaminant concentrations are dangerous to health. 4. Contaminant concentrations exceed the maximum use concentration determined using the Assigned Protection Factor for the specific respirator system. |