công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD154DR bảng dữ liệu(PDF) 7 Page - LightGraphix

tên linh kiện LD154DR
Giải thích chi tiết về linh kiện  DEEP RECESSED HIGH-POWER EXTERIOR LED UPLIGHT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LIGHTGRAPHIX [LightGraphix]
Trang chủ  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD154DR bảng dữ liệu(HTML) 7 Page - LightGraphix

  LD154DR Datasheet HTML 1Page - LightGraphix LD154DR Datasheet HTML 2Page - LightGraphix LD154DR Datasheet HTML 3Page - LightGraphix LD154DR Datasheet HTML 4Page - LightGraphix LD154DR Datasheet HTML 5Page - LightGraphix LD154DR Datasheet HTML 6Page - LightGraphix LD154DR Datasheet HTML 7Page - LightGraphix LD154DR Datasheet HTML 8Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LD154DR
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 7 of 8 | Data sheet issued: 18 June 2026
INSTALLATION GUIDE
Below is an uplighting application guide with suggested luminaire mounting positions for an even wall wash. Every project and lighting scenario will be different and the table below is to be
used as a starting point. Please use our photometric files to further test the desired effect for your application. Files are available on the LD154DR product page on our website.
B
B
A
C
LD154DR-E3
/ENB* /NB*
/MSB
/MB
/WB
/WWB /OB
A
Distance from the
centre of the fitting to
the lit surface
0.25M
0.3M
0.35M
0.4M
0.5M
0.55M
0.4M
B
Spacing for an
even wash
0.4M
0.45M
0.5M
0.7M
0.8M
0.85M
1M
C
500mA lit distance**
10M
7M
6.5M
5.5M
4.5M
4M
6M
C
700mA lit distance**
11M
8M
7M
6M
5M
4.5M
7M
LD154DR-N1
/NB*
/MSB
/MB
/WB
/WWB /OB
A
Distance from the
centre of the fitting to
the lit surface
0.3M
0.35M
0.4M
0.5M
0.6M
0.3M
B
Spacing for an
even wash
0.45M
0.5M
0.7M
0.8M
0.9M
0.8M
C
500mA lit distance**
10M
8M
6.5M
5.5M
5M
7M
C
700mA lit distance**
11.5M
9M
7.5M
6.5M
6M
7.5M
LD154DR-P1
/NB*
/MSB
/MB
/WB
/WWB /OB
A
Distance from the
centre of the fitting to
the lit surface
0.35M
0.4M
0.45M
0.5M
0.6M
0.4M
B
Spacing for an
even wash
0.5M
0.7M
0.75M
0.8M
0.9M
1.1M
C
350mA lit distance**
11M
9M
9M
7.5M
6M
8M
C
500mA lit distance**
14M
11M
10.5M
9M
8M
9M
*Wall washing using narrow beam optics should only be used if the designer requires long distance lighting up the lit surface.
**Illuminated distance is calculated based on achieving 10% of the initial lux calculated at the start of the beam.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com