| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F10DMECLFB bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10DMECLFB bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 139 page ![]() RL78/D1A 1. OUTLINE R01DS0463EJ0120 Rev. 1.20 Page 2 of 135 Mar 31, 2026 Table 1-1. ROM, RAM capacities Flash ROM Data Flash RAM 48-pin 64-pin 80-pin 512 KB 8 KB 24 KB – – – – – – 384 KB 20 KB – – – – – – 256 KB 16 KB – – – – – R5F10DMJ 128 KB 8 KB – – – – – R5F10DMG 96 KB 6 KB – – – – – R5F10DMF 64 KB 4 KB – R5F10DGE – R5F10DLE R5F10CME R5F10DME 48 KB 3 KB R5F10CGD R5F10DGD R5F10CLD R5F10DLD R5F10CMD R5F10DMD 32 KB 2 KB R5F10CGC R5F10DGC – – – – 24 KB 2 KB R5F10CGB – – – – – CAN (ch) 0 1 0 1 0 1 Stepper Motor (ch) 1 2 4 LCD (seg × com) 27 × 4 39 × 4 48 × 4 Flash ROM Data Flash RAM 100-pin 128-pin 512 KB 8 KB 24 KB – R5F10DPL R5F10DSL 384 KB 20 KB – R5F10DPK R5F10DSK 256 KB 16 KB R5F10TPJ R5F10DPJ R5F10DSJ 128 KB 8 KB R5F10DPG – – 96 KB 6 KB R5F10DPF – – 64 KB 4 KB R5F10DPE – – 48 KB 3 KB – – – 32 KB 2 KB – – – 24 KB 2 KB – – – CAN (ch) 1 2 2 Stepper Motor (ch) 4 4 LCD (seg × com) 53 × 4 54 × 4 1.2 Applications Automotive electrical appliances (instrument cluster) <R> <R> <R> <R> <R> <R> <R> <R> <R> <R> <R> <R> <R> |