công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F10DMECLFB bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện R5F10DMECLFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMECLFB bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  R5F10DMECLFB Datasheet HTML 1Page - Renesas Technology Corp R5F10DMECLFB Datasheet HTML 2Page - Renesas Technology Corp R5F10DMECLFB Datasheet HTML 3Page - Renesas Technology Corp R5F10DMECLFB Datasheet HTML 4Page - Renesas Technology Corp R5F10DMECLFB Datasheet HTML 5Page - Renesas Technology Corp R5F10DMECLFB Datasheet HTML 6Page - Renesas Technology Corp R5F10DMECLFB Datasheet HTML 7Page - Renesas Technology Corp R5F10DMECLFB Datasheet HTML 8Page - Renesas Technology Corp R5F10DMECLFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
RL78/D1A microcontrollers have a built-in sound generator which can set a volume level and tone frequency of 100 Hz to 6 kHz and has
an automatic volume decrement function, up to four channels of stepper motor controller/driver which can set an 8-bit precision (pseudo
9-bit precision using a 1-bit addition function) pulse width (PWM output), and an LCD controller/driver which supports up to 216 segments.
The 128-pin version has a built-in LCD bus interface and two channels of CAN, and expanded flash memory/RAM up to a maximum of
512 KB/24 KB, making these microcontrollers ideal for low-end instrument cluster.
R01DS0463EJ0120 Rev. 1.20
Page 1 of 135
Mar 31, 2026
R01DS0463EJ0120
Rev. 1.20
Mar 31, 2026
RL78/D1A
RENESAS MCU
Datasheet
1. OUTLINE
1.1 Features
Minimum instruction execution time can be changed
from high speed (0.03125
μs: @ 32 MHz operation with
high-speed on-chip oscillator clock) to ultra low-speed
(30.5
μs: @ 32.768 kHz operation with subsystem
clock)
General-purpose register: 8 bits
× 32 registers (8 bits ×
8 registers
× 4 banks)
ROM: 24 to 512 KB
RAM: 2 to 24 KB
Data flash memory: 8 KB
On-chip high-speed on-chip oscillator clocks
Select from 32 MHz (TYP.), 24 MHz (TYP.), 16 MHz
(TYP.), 8 MHz (TYP.), and 4 MHz (TYP.)
On-chip single-power-supply flash memory (with
prohibition of block erase/writing function)
Self-programming (with boot swap function/flash shield
window function)
On-chip debug function
On-chip power-on-reset (POR) circuit and voltage
detector (LVD)
On-chip watchdog timer (operable with the dedicated
low-speed on-chip oscillator clock)
On-chip multiplier and divider/multiply-accumulator
16 bits
× 16 bits = 32 bits (Unsigned or signed)
32 bits
÷ 32 bits = 32 bits (Unsigned)
16 bits
× 16 bits + 32 bits = 32 bits (Unsigned or signed)
On-chip clock output/buzzer output controller
On-chip BCD adjustment
I/O ports: 38 to 112
CMOS I/O port:
35 to 107 (LED direct drive port: 9 to
16, N-ch OD selectable port: 4 to 6)
CMOS input port:
5
CMOS output port: 0 to 1
Timer
- 16-bit timer:
24 channels
- Watchdog timer:
1 channel
- Real-time clock:
1 channel
- Interval timer:
1 channel
Serial interface
- CSI
- UART (LIN-bus supported)
- Simplified I2C communication
- aFCAN controller
Stepper motor controller/driver with zero point detection
(ZPD): 1, 2, 4-channels
LCD controller/driver (seg
× com): 27 × 4, 39 × 4, 48 × 4,
53
× 4 and 54 × 4
LCD Bus I/F
RESET output
STOP status output
Sound generator
8/10-bit resolution A/D converter (VDD = EVDD =2.7 to
5.5 V): 3+2 to 9+2 channels
Standby function: HALT, STOP, SNOOZE mode
Power supply voltage: VDD = 2.7 to 5.5 V
Operating ambient temperature:
J grade products TA =
−40 to +85°C,
L grade products TA =
−40 to +105°C
System
Multiplier and divider,
Multiply-accumulator
DMA up to 4ch
Ext. Oscillator 1 to 20 MHz
Ext. Sub Oscillator 32.7 kHz
External Interrupt
up to 6ch
Power On Reset (POR)
Low Voltage Detector
(LVD)
On-Chip debug
(Single-Wire)
16-bit CPU
Cluster
RL78 Core
32 MHz @TA = -40 to 85 OC
24 MHz @TA = -40 to 105 OC
VDD = 2.7 V to 5.5 V
CISC Harvard Architecture (3-stage Pipeline)
Memory
Code Flash
up to 512 KB
Safety
RAM Parity
Clock Monitor
Window WDT
RAM
up to 24 KB
Data Flash
up to 8 KB
LCD SEG × COM
up to 54 × 4
Timers
Timer Array Unit
up to 16-bit × 24ch
Real Time Clock (RTC)
Four Register Banks
16-bit Barrel Shifter
Memory CRC
ADC self-diagnostic
Int. high-speed oscillator
up to 32 MHz
Int. low-speed oscillator
15 kHz
PLL up to 32 MHz
Interval Timer 15-bit × 1ch
Power Management
HALT
SNOOZE
ADC
STOP
RAM on
Interfaces
up to 2 × CAN
Serial Array Unit
up to 3 × CSI (SPI)
up to 1 × UART
1 × Simplified I2C
up to 2 × LIN/UART
Sound Generator
PCL
Analog
10-bit ADC up to 11ch
Stepper Motor controller/
driver with ZPD × 4
RL78/D1A Block Diagram (Outline)
Remark
The functions mounted depend on the product.
See 1.7 Outline of Functions.


Số phần tương tự - R5F10DMECLFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
R5F10DME RENESAS-R5F10DME Datasheet
153Kb / 17P
PG-FP5
More results

Mô tả tương tự - R5F10DMECLFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com