công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPRP560 bảng dữ liệu(PDF) 2 Page - Clarke International

tên linh kiện CPRP560
Giải thích chi tiết về linh kiện  560W PUDDLE RESIDUE PUMP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARKE [Clarke International]
Trang chủ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CPRP560 bảng dữ liệu(HTML) 2 Page - Clarke International

  CPRP560 Datasheet HTML 1Page - Clarke International CPRP560 Datasheet HTML 2Page - Clarke International CPRP560 Datasheet HTML 3Page - Clarke International CPRP560 Datasheet HTML 4Page - Clarke International CPRP560 Datasheet HTML 5Page - Clarke International CPRP560 Datasheet HTML 6Page - Clarke International CPRP560 Datasheet HTML 7Page - Clarke International CPRP560 Datasheet HTML 8Page - Clarke International CPRP560 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE submersible pump.
The CLARKE range of submersible pumps are suitable for discharging pools,
ponds, fountains, pits and any waste water drainage. They can handle foul
water containing suspended material as stated in the specification. The
pumps are not suitable for handling inflammable, corrosive, explosive or
dangerous liquids. The pump is water-cooled and does not contain any oil.
The ‘Pump Performance Curve’ graph shown, displays the characteristics
graphically and describes the relation between the flow-rate and the head
for the pump.
The pump is provided with a thermal overload cut-out, so that in the event
that the pump becomes overheated (due to becoming blocked etc) it will
shut off automatically. When the blockage has been cleared, the thermal
cutout will cool down and re-set and the pump can be re-started.
Before attempting to use this product, it is essential that you read this manual
thoroughly and carefully follow all instructions given. In doing so you will ensure
the safety of yourself and that of others around you, and you can also look
forward to the product giving you long and satisfactory service.
SPECIFICATIONS
Voltage
230V~50Hz
Ingress protection
IP68
Outlet Thread Diameter
1“ BSP
Power
560W
Maximum Head Height
11 m
Maximum Depth
8 m
Maximum Flow
170 l/min
Maximum Operating Temperature
40oC
Maximum Particle Size
7 mm
Cable Length
10 m
Dimensions (D x W x H)
208 x 205 x 350 mm
Weight
16 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com