công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPRP560 bảng dữ liệu(PDF) 13 Page - Clarke International

tên linh kiện CPRP560
Giải thích chi tiết về linh kiện  560W PUDDLE RESIDUE PUMP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CLARKE [Clarke International]
Trang chủ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CPRP560 bảng dữ liệu(HTML) 13 Page - Clarke International

Back Button CPRP560 Datasheet HTML 8Page - Clarke International CPRP560 Datasheet HTML 9Page - Clarke International CPRP560 Datasheet HTML 10Page - Clarke International CPRP560 Datasheet HTML 11Page - Clarke International CPRP560 Datasheet HTML 12Page - Clarke International CPRP560 Datasheet HTML 13Page - Clarke International CPRP560 Datasheet HTML 14Page - Clarke International CPRP560 Datasheet HTML 15Page - Clarke International CPRP560 Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT PARTS
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
1
Cable fastener
16
Motor housing
2
Handle
17
O-ring
3
Hose connector
18
Bearing housing
4
Power cable & plug
19
Mechanical seal
5
Gasket
20
O-ring
6
Motor housing
21
O-ring
7
Gasket
22
Intermediate plate
8
Bolt
23
Oil seal
9
Motor cover
24
Shaft sleeve
10
Capacitor
25
Impeller
11
O-ring
26
Nut
12
Bearing housing
27
Housing ring
13
Bearing
28
Gasket
14
Rotor & Shaft
29
Lower pump housing
15
Stator & coil
30
Gasket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com