công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECAC bảng dữ liệu(PDF) 230 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC bảng dữ liệu(HTML) 230 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 226Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 227Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 228Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 229Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 230Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 231Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 232Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 233Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 295 page
background image
Table 2.93
A/D conversion characteristics (SAR mode : DCDC mode) (1 of 6)
Conditions: AVCC: 2.7 to 3.63 V, VCC: 2.7 to 3.63 V, VREFH0/VREFH: 2.7 V to AVCC
Parameter
Min
Typ
Max
Unit
Test conditions
SAR
mode
Resolution
—
—
12
bit
—
SAR
mode
Single-ended
input
Normal mode
High-speed
channels
(AN000 to
AN005)
(AN006 to
AN011)
Without
channel
dedicated
sample and
hold circuits
Conversion
time*1
0.16
—
—
µs
● ADCLK: 50 MHz
● Sampling time: 3 ADCLK
● Successive approximation time:
5 ADCLK
● Signal source impedance: 50 Ω
or less
Offset error
—
±3
±6.5
LSB
BGA package
—
±3
±7.5
LSB
LQFP package
Full-scale
error
—
±3
±6.5
LSB
BGA package
—
±3
±7.5
LSB
LQFP package
Absolute
accuracy
—
±4
±11
LSB
BGA package
—
±4
±14
LSB
LQFP package
DNL
differential
nonlinearity
error *3
—
±1
-1 to
+1.5
LSB
BGA package
—
±1
-1 to
+2.0
LSB
LQFP package
INL integral
nonlinearity
error
—
±2
±3
LSB
BGA package
—
±2
±5
LSB
LQFP package
High-speed
channels
(AN000 to
AN005)
(AN006 to
AN011)
With channel
dedicated
sample and
hold circuits
Conversion
time*2
1.00
—
—
µs
●
ADCLK: 50 MHz
●
Sampling time of channel-
dedicated sample-and-hold
circuits: 35 ADCLK
●
Hold mode switching time of
channel-dedicated sample-and-
hold circuits: 2 ADCLK
● Sampling time: 8 ADCLK
● Successive approximation time:
5 ADCLK
● Signal source impedance: 50 Ω
or less
Offset error
—
±1.5
±6.75 LSB
BGA package
—
±1.5
±7.5
LSB
LQFP package
Full-scale
error
—
±1.5
±6.75 LSB
BGA package
—
±1.5
±7.5
LSB
LQFP package
Absolute
accuracy
—
±5
±10.5 LSB
BGA package
—
±5
±11.5
LSB
LQFP package
DNL
differential
nonlinearity
error *3
—
±1
-1 to
+1.5
LSB
BGA package
—
±1
-1 to
+2.0
LSB
LQFP package
INL integral
nonlinearity
error
—
±2.5
±3.5
LSB
BGA package
—
±2.5
±5.5
LSB
LQFP package
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 230 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com