công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECAC bảng dữ liệu(PDF) 227 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC bảng dữ liệu(HTML) 227 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 223Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 224Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 225Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 226Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 227Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 228Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 229Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 230Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 295 page
background image
Table 2.91
A/D conversion characteristics (common) (3 of 3)
Conditions: AVCC: 2.7 to 3.63 V, VCC: 2.7 to 3.63 V, VREFH0/VREFH: 2.7 V to AVCC
Parameter
Min
Typ
Max
Unit
Test conditions
Channel
dedicated
sample and
hold circuits
Sampling time
Self-calibration
400
—
—
ns
AVCC: 2.7 to 3.63 V
VCC: 2.7 to 3.63 V
VREFH0/VREFH: 2.7
V to AVCC
A/D conversion
400
—
—
ns
Hold mode switching time
40
—
—
ns
Hold time
—
—
5
µs
Operation
stabilization
time
A/D start-up time
2
—
—
µs
Channel-dedicated sample-and-hold circuits start-up time
2
—
—
µs
A/D shut-down time
1
—
—
µs
Analog input
voltage range
Single-ended input voltage
Unit 0
AN000 to
AN005,
AN012, AN014
VREFL0
—
VRE
FH0
V
—
AN016 to
AN018
VREFL0
—
VRE
FH0
V
VCC ≥ VREFH0
VREFL0
—
VCC V
VCC < VREFH0
AN019 to
AN022
VREFL0
—
VRE
FH0
V
VCC2 ≥ VREFH0
VREFL0
—
VCC
2
V
VCC2 < VREFH0
Unit 1
AN006 to
AN011,
AN013, AN015
VREFL
—
VRE
FH
V
—
AN016 to
AN018
VREFL
—
VRE
FH
V
VCC ≥ VREFH
VREFL
—
VCC V
VCC < VREFH
AN019 to
AN022
VREFL
—
VRE
FH
V
VCC2 ≥ VREFH
VREFL
—
VCC
2
V
VCC2 < VREFH
Differential input voltage*2
Unit 0
AN000 to
AN005
-VREFH0
—
+VR
EFH
0
V
—
Unit 1
AN006 to
AN011
-VREFH
—
+VR
EFH
V
—
Note:
tADcyc: ADCLK cycle
Note:
tCmp: Successive approximation time
Note 1. If tCmp is greater than 100ns, the A/D sampling time should be greater than the following equation.
1 × tADcyc + 1.6 × tCmp
Note 2. Differential input voltage is (AINP - AINN).
A/D Converter Unit 0:
● AINP is input voltage of ANx, and VREFL0 ≤ AINP ≤ VREFH0.
● AINN is input voltage of ANy, and VREFL0 ≤ AINN ≤ VREFH0.
A/D Converter Unit 1:
● AINP is input voltage of ANx, and VREFL ≤ AINP ≤ VREFH.
● AINN is input voltage of ANy, and VREFL ≤ AINN ≤ VREFH.
(x = 2i, y = 2i +1, i = 0, 1, 2… (any integer))
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 227 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com