công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECAC bảng dữ liệu(PDF) 156 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECAC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC bảng dữ liệu(HTML) 156 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 152Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 153Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 154Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 155Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 156Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 157Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 158Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 159Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 295 page
background image
Table 2.60
SCI timing (Simple SPI) (1 of 3)
Condition 1: VCC/VCC2 = 2.70 V or above
High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
If SCI pins are specified across the VCC I/O and VCC2 I/O, characteristics below is guaranteed only when VCC = VCC2.
Condition 2: VCC/VCC2 = 1.62 V or above
Following pins have high-speed high-drive output selected in the Port Drive Capability bit in the PmnPFS register: SCK1_A, SCK1_C,
SCK3_A, SCK4_A, SCK4_B, SCK4_C and SCK6_B
Other pins have high drive output is selected in the Port Drive Capability bit in the PmnPFS register.
If SCI pins are specified across the VCC I/O and VCC2 I/O, characteristics below is guaranteed only when VCC=VCC2.
Parameter
High
Speed/
Default
VCC/VCC2
Symbol
Min
Max
Unit
Note
SCK clock cycle
output
Master
—
2.70 V or above
tSPcyc
2 (TCLK ≤ 120MHz)
4 (TCLK >
120MHz)
65536 tTcyc
Figure 2.69
1.62 V or above
2 (TCLK ≤ 60MHz)
4 (TCLK ≤ 120MHz)
8 (TCLK >
120MHz)
65536
SCK clock cycle
input
Slave
—
2.70 V or above
2
—
1.62 V or above
2 (TCLK ≤ 100MHz)
4 (TCLK >
100MHz)
—
SCK clock high
pulse width
Master
—
1.62 V or above
tSPCKWH
0.4
—
tSPcyc
Slave
—
SCK clock low
pulse width
Master
—
1.62 V or above
tSPCKWL
0.4
—
tSPcyc
Slave
—
SCK clock rise and
fall time
Output
—
2.70 V or above
tSPCKr,
tSPCKf
—
3.3
ns
1.62 V or above
—
6.6
Input
—
2.70 V or above
—
0.1*3
tSPcyc
1.62 V or above
—
0.1*3
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 156 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com