công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

301250014 bảng dữ liệu(PDF) 5 Page - ams-OSRAM AG

tên linh kiện 301250014
Giải thích chi tiết về linh kiện  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301250014 bảng dữ liệu(HTML) 5 Page - ams-OSRAM AG

  301250014 Datasheet HTML 1Page - ams-OSRAM AG 301250014 Datasheet HTML 2Page - ams-OSRAM AG 301250014 Datasheet HTML 3Page - ams-OSRAM AG 301250014 Datasheet HTML 4Page - ams-OSRAM AG 301250014 Datasheet HTML 5Page - ams-OSRAM AG 301250014 Datasheet HTML 6Page - ams-OSRAM AG 301250014 Datasheet HTML 7Page - ams-OSRAM AG 301250014 Datasheet HTML 8Page - ams-OSRAM AG 301250014 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
Dragster
General description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
5 / 109
/
1.1
Key benefits & features
The benefits and features of Dragster, Line scan sensor are listed below:
Table 1: Dragster benefits and features
Benefits
Features
Differentiators
Allows integration in inspection
systems and cameras on the
basis of the same electronics
High resolution, complete family 2K to
16K versions
Most complete sensor family on
the market. Complete coverage of
high resolution & high-speed
Monochrome scanning needs
Allows inspection speed to
increase => higher machine
production speed.
Line rates up to 80 kHz for all
resolutions
Competing products offer reduced
line rates at higher resolution
Easy integration
Completely digital sensor
Improved camera quality
compared to CCD based products
COB/Invar package
High mechanical stability and
planarity of the die. Re-use of the
same camera interface across
different Dragster variants
1.2
Applications
•
Automated Optical Inspection (AOI) in (SMD, PCB, flat panel, web)
•
Industrial sorting (e.g. food)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com