công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7FA8D1AFECFC bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện R7FA8D1AFECFC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA8D1AFECFC bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button R7FA8D1AFECFC Datasheet HTML 9Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 10Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 11Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 12Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 13Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 14Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 15Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 16Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 193 page
background image
Table 1.15
Pin functions (2 of 7)
Function
Signal
I/O
Description
External bus interface
EBCLK
Output
Outputs the external bus clock for external devices
RD
Output
Strobe signal indicating that reading from the external bus interface
space is in progress, active-low.
WR
Output
Strobe signal indicating that writing to the external bus interface
space is in progress, in 1-write strobe mode, active-low.
WRn
Output
Strobe signals indicating that either group of data bus pins (D07 to
D00, D15 to D08, D23 to D16 or D31 to D24) is valid in writing to the
external bus interface space, in byte strobe mode, active-low.
BCn
Output
Strobe signals indicating that either group of data bus pins (D07 to
D00, D15 to D08, D23 to D16 or D31 to D24) is valid in access to
the external bus interface space, in 1-write strobe mode, active-low.
ALE
Output
Address latch signal when address/data multiplexed bus is selected.
WAIT
Input
Input pin for wait request signals in access to the external space,
active-low.
CSn
Output
Select signals for CS areas, active-low
A00 to A23
Output
Address bus
D00 to D31
I/O
Data bus
A00/D00 to A15/D15
I/O
Address/data multiplexed bus
SDRAM interface
SDCLK
Output
Outputs the SDRAM-dedicated clock
CKE
Output
SDRAM clock enable signal
SDCS
Output
SDRAM chip select signal, active low
RAS
Output
SDRAM low address strobe signal, active low
CAS
Output
SDRAM column address strobe signal, active low
WE
Output
SDRAM write enable signal, active low
DQMn
Output
SDRAM I/O data mask enable signal for DQ07 to DQ00, DQ15 to
DQ08, DQ23 to DQ16 or DQ31 to DQ24.
A00 to A16
Output
Address bus
DQ00 to DQ31
I/O
Data bus
GPT
GTETRGA, GTETRGB,
GTETRGC, GTETRGD
Input
External trigger input pins
GTIOCnA, GTIOCnB
I/O
Input capture, output compare, or PWM output pins
GTADSM0, GTADSM1
Output
A/D conversion start request monitoring output pins
GTIU
Input
Hall sensor input pin U
GTIV
Input
Hall sensor input pin V
GTIW
Input
Hall sensor input pin W
GTOUUP
Output
3-phase PWM output for BLDC motor control (positive U phase)
GTOULO
Output
3-phase PWM output for BLDC motor control (negative U phase)
GTOVUP
Output
3-phase PWM output for BLDC motor control (positive V phase)
GTOVLO
Output
3-phase PWM output for BLDC motor control (negative V phase)
GTOWUP
Output
3-phase PWM output for BLDC motor control (positive W phase)
GTOWLO
Output
3-phase PWM output for BLDC motor control (negative W phase)
RA8D1 Datasheet
1. Overview
R01DS0416EJ0130 Rev.1.30
Dec 19, 2025
Page 13 of 193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com