| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7FA6T2AB3CNB bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7FA6T2AB3CNB bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp |
|
5 / 101 page ![]() Table 1.9 Data processing Feature Functional description Cyclic Redundancy Check (CRC) The Cyclic Redundancy Check (CRC) generates CRC codes to detect errors in the data. The bit order of CRC calculation results can be switched for LSB-first or MSB-first communication. Additionally, various CRC-generation polynomials are available. The snoop function allows to monitor the access to specific addresses. This function is useful in applications that require CRC code to be generated automatically in certain events, such as monitoring writes to the serial transmit buffer and reads from the serial receive buffer. Data Operation Circuit (DOC) The data operation circuit (DOC) is used to compare, add, and subtract 16 or 32-bit data. An interrupt can be generated when the following conditions apply. ● When the 16 or 32-bit compared values match the detection condition ● When the result of 16 or 32-bit data addition overflows ● When the result of 16 or 32-bit data subtraction underflows Table 1.10 Data processing accelerator Feature Functional description Trigonometric function unit (TFU) Calculation of sine, cosine, arctangent, and hypot_k ( x2+y2/k) ● A sine and cosine can be simultaneously calculated. ● An arctangent and hypot_k can be simultaneously calculated. IIR Filter Accelerator (IIRFA) ● 16 channels of biquad IIR filter ● Cascaded biquad filter (max.32 stages) ● Operations using single-precision floating-point numbers RA6T2 Datasheet 1. Overview R01DS0400EJ0150 Rev.1.50 Jul 2, 2025 Page 5 of 101 |