| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7058 bảng dữ liệu(PDF) 66 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 bảng dữ liệu(HTML) 66 Page - ams-OSRAM AG |
|
66 / 199 page ![]() AS7058 Functional description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 66 / 199 / SPI access protocols: • Single Write RW=0, Address, Write Data Byte • Single Read RW=1, Address, Read Data Byte • Burst Read RW=1, Address, Read n Data Byte Figure 59: SPI single access with address space of 256 Byte Figure 60: SPI burst access with address space of 256 Byte If a clock rate other than n*8 clocks is detected during data transmission in SPI mode, an error is displayed in the SPI status register. RW RSVD RSVD RSVD RSVD RSVD RSVD RSVD DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0 CSXN SCL SDA_MOSI DO6 DO5 DO4 DO3 DO2 DO1 DO0 MISO_INT CPOL=1, CPHA=0 RW Read / Write (Write=0, Read=1) RSVD Reserved (can be 0 or 1) A* Address Bits DI* Data In Bits STA* Status Out Bits DO* Data Out Bits SPI single access with an address space of 256Byte A7 A6 A5 A4 A3 A2 A1 A0 STA7 DO7 STA2 STA1 STA0 STA3 STA5 STA4 STA6 RW RSVD RSVD RSVD RSVD RSVD RSVD RSVD DI7 DI0 DI7 DI0 CSXN SCL SDA_MOSI DO0 DO7 DO0 MISO_INT CPOL=1, CPHA=0 RW Read / Write (Write=0, Read=1) RSVD Reserved (can be 0 or 1) A* Address Bits DI* Data In Bits STA* Status Out Bits DO* Data Out Bits A7 A6 A5 A4 A3 A2 A1 A0 STA7 DO7 STA2 STA1 STA0 STA3 STA5 STA4 STA6 N * Byte |