| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1163 bảng dữ liệu(PDF) 63 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1163 bảng dữ liệu(HTML) 63 Page - ams-OSRAM AG |
|
63 / 91 page ![]() AS1163 Command and register description Datasheet • PUBLIC • Document Feedback DS001075 • v2-00 • 2025-Nov-21 63 / 91 / Equation 4: ������������_������������������ = ������������������ − ������������������������ = ������������������_������������������������_������������ ∗ (������������������������������_������������������ ∗ 4 − 2) ������������_������������������ = ������������������ − ������������������������ = ������������������_������������������������_������������ ∗ (������������������������������_������������������ ∗ 4 − 2) Where, Vf_MAX/Vf_MIN is maximum/minimum VFMAX value of all nodes in the daisy chain, VDD is the applied external supply at VDD pin of AS1163 in V, ADC_GAIN_VF is a parameter, VDRV is the selected driver output voltage, VFMAX_MAX/ VFMAX_MIN is the ADC reading of VFMAX, -2 is a systematic offset. Note: VFMAX is 8-bit internal register for each AS1163. It stored the max. value (Vf) of each AS1163. So, the min. Vf is the minimum local VFMAX in the whole daisy chain (not the lowest Vf of all LEDs). 7.12.13 READMULT (0x0C) This command returns the multicast register content of the device. For payload information, please refer to Chapter 6.10. 7.12.14 SETMULT (0x0D) This command specifies the multicast register inside the device. For payload information, please refer to Chapter 6.10. No answer. |