công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO70050LEST5 bảng dữ liệu(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO70050LEST5
Giải thích chi tiết về linh kiện  5.5 V Low Loss Power Distribution Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70050LEST5 bảng dữ liệu(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70050LEST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70050LEST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70050LEST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70050LEST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70050LEST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70050LEST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70050LEST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70050LEST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70050LEST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DIO70050
Version 1.0, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
5.5 V Low Loss Power Distribution Switch
Features
Input voltage: 2.7 V to 5.5 V
65 mΩ on-resistance (typ)
Output discharge resistance
Five different current limit versions
Undervoltage lockout
Overcurrent protection, short circuit protection
and overtemperature protection
Reverse blocking (no body diode)
No reverse current when power ON or power
OFF
Enable polarity: active high or active low
Green SOT23-5 package
Applications
USB ports/hubs
Digital TV
Set-top boxes
VOIP phones
Package Information
Description
The DIO70050 power distribution switch is intended
for applications where precision current limiting is
required or heavy capacitive loads and short circuits
are encountered. The power switch rising and falling
times are controlled to minimize current surges during
turning on/off.
The DIO70050A/B/C/D/E provide separately 0.5 A
/1.0 A/1.5 A/2.0 A/2.5 A five current levels.
The DIO70050 device limits the output current under
a safe level by using a constant current mode when
the output load exceeds the current limit threshold.
The DIO70050 is available in the SOT23-5 package.
It is rated over the -40°C to 85°C temperature range.
Simplified Schematic
Part Number Package
Body Size
DIO70050
SOT23-5 2.926 mm × 1.626 mm


Số phần tương tự - DIO70050LEST5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DIOO MICROCIRCUITS CO.,...
DIO70020 DIOO-DIO70020 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO70020HST5 DIOO-DIO70020HST5 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO70020LST5 DIOO-DIO70020LST5 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO7004 DIOO-DIO7004 Datasheet
649Kb / 12P
5.5V Low Loss Power Distribution Switch
Rev 1.1
DIO70040 DIOO-DIO70040 Datasheet
1Mb / 14P
5.5 V Low Loss Power Distribution Switch
Version 1.1, Aug 2025
More results

Mô tả tương tự - DIO70050LEST5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com