công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7263-BLGT bảng dữ liệu(PDF) 31 Page - ams-OSRAM AG

tên linh kiện AS7263-BLGT
Giải thích chi tiết về linh kiện  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263-BLGT bảng dữ liệu(HTML) 31 Page - ams-OSRAM AG

Back Button AS7263-BLGT Datasheet HTML 27Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 28Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 29Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 30Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 31Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 32Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 33Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 34Page - ams-OSRAM AG AS7263-BLGT Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Page 30
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Detailed Description
In the Figure below, numeric values may be specified with no
leading prefix, in which case they will be interpreted as
decimals, or with a leading “0x” to indicate that they are
hexadecimal numbers, or with a leading “‘b” to indicate that
they are binary numbers. The commands are loosely grouped
into functional areas. Texts appearing between angle brackets
(‘<‘ and ‘>‘) are commands or response arguments. A carriage
return character, a linefeed character, or both may terminate
commands and responses. Note that any command that
encounters an error will generate the “ERROR” response shown,
for example, in the NOP command at the top of the first table,
but has been omitted elsewhere in the interest of readability
and clarity.
Figure 33:
AT Commands
Command
Response
Description / Parameters
Spectral Data per Channel
ATDATA
<R_value>,
<S_value>,
<T_value>,
<U_value>,
<V_value>,
<W_value> OK
Read R, S, T, U, V & W data. Returns comma-separated 16-bit
integers.
ATCDATA
<Cal_R_value>,
<Cal_S_value>,
<Cal_T_value>,
<Cal_U_value>,
<Cal_V_value>,
<Cal_W_value> OK
Read calibrated R, S, T, U, V & W data. Returns comma-separated
32-bit floating point values.
Sensor Configuration
ATINTTIME=<value>OK
Set sensor integration time. Values should be in the range [1...
255], with
integration time = <value> * 2.8ms.
ATINTTIME
<value> OK
Read sensor integration time, with
integration time = <value> * 2.8ms.
ATGAIN=<value>
OK
Set sensor gain: 0=1X, 1=3.7x, 2=16x, 3=64x.
ATGAIN
<value>OK
Read sensor gain setting, returning 0, 1, 2, or 3 as defined
immediately above.
ATTEMP
<value>OK
Read temperature of chip in degree Celsius.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46