| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7263-BLGT bảng dữ liệu(PDF) 28 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7263-BLGT bảng dữ liệu(HTML) 28 Page - ams-OSRAM AG |
|
28 / 46 page ![]() Datasheet, Public Page 27 [v4-00] 2022-Nov-30 Document Feedback AS7263 − Detailed Description 4-Byte Floating-Point (FP) Registers Several 4-byte registers (hex) are shown in the tables. Here is an example of how the registers are used to represent floating point data (based on the IEEE 754 standard): Figure 30: Example of the IEEE 754 Standard The floating point (FP) value assumed by 32 bit binary32 data with a biased exponent e (the 8 bit unsigned integer) and a 23 bit fraction is (for the above example). Addr: 0x24:0x27 V_Cal Bit Bit Name Default Access Bit Description 31:0 V_Cal R Channel V Calibrated Data (float). Addr: 0x28:0x2B W_Cal Bit Bit Name Default Access Bit Description 31:0 W_Cal R Channel W Calibrated Data (float). FPvalue 1 – () sign 1b 23 i – () 2 i – () i1 = 23 + x2 e 127 – () = FPvalue 1 – () 0 1b 23 i – () 2 i – () i1 = 23 + x2 124 127 – () = |