công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7211-BLGT bảng dữ liệu(PDF) 3 Page - ams-OSRAM AG

tên linh kiện AS7211-BLGT
Giải thích chi tiết về linh kiện  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7211-BLGT bảng dữ liệu(HTML) 3 Page - ams-OSRAM AG

  AS7211-BLGT Datasheet HTML 1Page - ams-OSRAM AG AS7211-BLGT Datasheet HTML 2Page - ams-OSRAM AG AS7211-BLGT Datasheet HTML 3Page - ams-OSRAM AG AS7211-BLGT Datasheet HTML 4Page - ams-OSRAM AG AS7211-BLGT Datasheet HTML 5Page - ams-OSRAM AG AS7211-BLGT Datasheet HTML 6Page - ams-OSRAM AG AS7211-BLGT Datasheet HTML 7Page - ams-OSRAM AG AS7211-BLGT Datasheet HTML 8Page - ams-OSRAM AG AS7211-BLGT Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − General Description
Key Benefits & Features
The benefits and features of AS7211, Smart Daylighting
Manager with Fully Integrated Daylight Sensor, Control and
Network Interfaces are listed below:
Figure 1:
Added Value of Using the AS7211
Applications
Sense ambient light, dim and maintain brightness of luminaires
and lamps in local loop control, automatic lumen maintenance,
flexible network connectivity and simple control of luminaires
and lamps.
• LED and fluorescent luminaires, troffers, high-bays
• Track-head and downlights
• LED and fluorescent replacement lamps
• Energy efficient installations, such as California Title 24
type energy code requirements
Benefits
Features
• Accurate control of daylight-responsive lighting
• Calibrated photopic sensing for direct lux
compensation for daylighting systems
• Automatic lumen maintenance over
temperature and time
• Autonomous lumen output adjustment
independent of LED aging effects
• Direct serial interface for connection to
standard networks
• Simple UART interface for connection to network
hardware clients for protocols such as Bluetooth,
ZigBee and WiFi
• Simple lamp or luminaire configuration and
commissioning using defined command set
• Smart Lighting Command Set (SLCS) uses simple
text-based commands to control and configure a
wide variety of functions
• Compatible with standard dimmer controls and
occupancy sensors
• Directly interfaces to 0-10V dimmer controls and
standard occupancy sensors
• Directly interfaces to LED driver or FETs
• Built-in PWM generator to dim LED lamps and
luminaires
• 12-bit resolution for precise dimming down to 1%
• Directly interfaces to ballast via 0-10V
• 0-10V analog output for control of conventional
fluorescent or other dimming ballasts
• Small package, wide operating range with
critical optics built-in
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm with
integrated aperture -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com