| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3418 bảng dữ liệu(PDF) 42 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3418 bảng dữ liệu(HTML) 42 Page - ams-OSRAM AG |
|
42 / 78 page ![]() Document Feedback AS3418 Functional Description Datasheet • PUBLIC DS000507 • v4-00 • 2020-Jan-23 77 │ 41 Figure 54: EEPROM Upload Flow Chart 6.10.3 EEPROM Upload Test Function Before an EEPROM Upload function is started it is recommended to do first an Upload Test. During this test the device does not write the EEPROM settings, instead it just tries if it would be possible to write the EEPROM successfully. It is checked if the power supply is sufficient to trigger a real EEPROM Upload. Figure 55: EEPROM Upload Test Function The sequence for the Upload test function is similar to the real Upload. The only difference is that the EEPROM_UPLOAD_TEST bit has to be set to start the upload test instead of the EEPROM_UPLOAD bit. The flow chart for the Upload test sequence is shown in Figure 55. 6.11 Production Trimming Interface In addition to option programming the AS3418 via I2C interface, the AS3418 features a second unique trimming mechanism. This very special mode enables the analog music inputs of the AS3418 to become a digital production trimming input. Set bit EEPROM_UPLOAD in register 0x34 EEPROM Upload complete Check EE_READY bit in register 0x01 EE_READY = 0 EE_READY = 1 Check EE_WR_OK bit in register 0x01 EE_WR_OK = 1 EEPROM Upload failed EE_WR_OK = 0 Set bit EEPROM_UPLOAD_TEST in register 0x34 EEPROM Upload Test complete Check EE_READY bit in register 0x01 EE_READY = 0 EE_READY = 1 Check EE_WR_OK bit in register 0x01 EE_WR_OK = 1 EEPROM Upload Test failed EE_WR_OK = 0 |