| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1130-BSST bảng dữ liệu(PDF) 26 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130-BSST bảng dữ liệu(HTML) 26 Page - ams-OSRAM AG |
|
26 / 67 page ![]() ams Datasheet Page 25 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description 12x11 LED Matrix The AS1130 is configured to control one big LED matrix. Figure 33: AS1130 - Dot Matrix Structure In Figure 34 it is described which databit represents which LED in the matrix. Per default all databits are ‘0’, meaning no LED is on. A ‘1’ puts the LED on. Each Current Segment of the LED Matrix consists of 11 LEDs, therefore 2 bytes of data are required for one Current Segment. CS0 is defined by the two bytes with address 0x00 and 0x01 and also includes the address of the used Blink & PWM dataset for this frame. |