| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS-BT2416C2 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
GS-BT2416C2 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 32 page ![]() GS-BT2416C2.AT1 AT command 23/32 A.20 AT+BTMACROSTART Set the device in a programmable way. Every AT command coming after, with own parameters, will not be executed but will be stored in the very insertion order. This command will be available only if the device is set to COMMAND MODE. To notice that starting a macro storing sequence will erase any previous present sequence. Syntax: AT+BTMACROSTART Return value: <OK, ERROR> A.21 AT+BTMACROSTOP Stop the programmable status and store the commands sequence inserted so far into the flash memory of the module. If the sequence is larger then memory block available an error will be raised. The command will be available only if a device is set to COMMAND MODE and only if it come after an AT+BTMACROSTART command. Due to internal time needed to write a flash memory area a little time delay is possible before any return value. Syntax: AT+BTMACROSTOP Return value: <OK, ERROR> A.22 AT+BTMACROCLEAR Erase any possible commands sequence present into the flash memory. This operation is non-reversible. Syntax: AT+BTMACROCLEAR Return value: <OK, ERROR> |