công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS-BT2416C2 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện GS-BT2416C2
Giải thích chi tiết về linh kiện  Bluetooth class 2 module with embedded SPP SW
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C2 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button GS-BT2416C2 Datasheet HTML 14Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 15Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 16Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 17Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 18Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 19Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 20Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 21Page - STMicroelectronics GS-BT2416C2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AT command
GS-BT2416C2.AT1
18/32
A.5
AT command reference
AT commands are used to configure the module and trigger operations. AT commands are
transmitted over the UART channel from the external MCU to the Bluetooth module. AT
commands have the following syntax:
AT + CMD = parameter0, parameter1, …\0x0D\0x0A
AT + CMD\0x0D\0x0A
Each line must be always terminated by the 0x0D 0x0A characters and only a single
command per line is allowed.
The response to an AT command can be OK if the command was successfully executed, or
ERROR if an error occurred and has the following syntax:
\0x0D\0x0AOK\0x0D\0x0A
\0x0D\0x0AERROR\0x0D\0x0A
Some AT commands can generate events. Events are always reported as follows:
\0x0D\0x0A+EVENT: parameter0, …\0x0D\0x0A
Each event is always bounded by the characters 0x0D 0x0A and can have zero or more
parameters. The command syntax is case insensitive.
A.6
AT
Test the UART communication channel to the Bluetooth module
Syntax: AT
Return value: OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32