công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI2EQX5864 bảng dữ liệu(PDF) 9 Page - Pericom Semiconductor Corporation

tên linh kiện PI2EQX5864
Giải thích chi tiết về linh kiện  5.0Gbps 4-Lane PCI Express GenII Re-Driver with Equalization, Emphasis, &I2C Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX5864 bảng dữ liệu(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI2EQX5864 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI2EQX5864 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
PS8934A
01/21/08
PI2EQX5864
5.0Gbps 4-Lane PCI Express GenII Re-Driver
with Equalization, Emphasis and I2C Control
BYTE 6 - Power Down Control (PWR)
PD_xy# =0=channel off/power down, PD_xy# =1=normal operation, Latch from PD# input at startup
Bit
7
6
5
4
3
2
1
0
Name
PD_A0#
PD_B0#
PD_A1#
PD_B1#
PD_A2#
PD_B2#
PD_A3#
PD_B3#
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
State
111
1
1
1
1
1
Note: R=Read only, W=Write only, R/W=Read and Write, X=Undefined, rsvd=reserved for future use
The Power Down Control register allows for individual control over each channel for power savings. When PD_xy# is logic 0 the
channel is turned off. When PD_xy# is 1 then the channel is enabled for normal operation.
BYTE 7 - Receiver Detect Enable (RXD)
RXD_xy =0=channel off/power down, RXD_xy =1=normal operation, Latch from PD# input at startup
Bit
7
6
5
4
3
2
1
0
Name
RXD_A0
RXD_B0
RXD_A1
RXD_B1
RXD_A2
RXD_B2
RXD_A3
RXD_B3
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
State
11
1
1
1
1
1
1
Note: R=Read only, W=Write only, R/W=Read and Write, X=Undefined, rsvd=reserved for future use
The Receiver Detect Enable register allows for control of the receiver detect state machine for each individual channel. When
RXD_xy is set to 0, then the receiver detect function is disabled. When RXD_xy is logic 1, then the receiver detect state machine is
enabled for operation. The initial state of the register bits are determined by the RXD_A and RXD_B input pins during power-up.
BYTE 8 - A-Channels Equalizer and Output Control (AEOC)
SELx_A: Equalizer configuration, Dx_A: Emphasis control, Sx_A: Output level control (see Configuration Table)
Bit
7
6
5
4
3
2
1
0
Name
SEL0_A
SEL1_A
SEL2_A
D0_A
D1_A
D2_A
S0_A
S1_A
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
State
11
1
1
1
1
1
1
Note: R=Read only, W=Write only, R/W=Read and Write, X=Undefined, rsvd=reserved for future use
BYTE 5 - Channel Reset (RESET)
RES_xy# =0=reset, RES_xy# =1=normal operation. Latch from RES_A# & RES_B# inputs at startup
Bit
7
6
5
4
3
2
1
0
Name
RES_A0#
RES_B0#
RES_A1#
RES_B1#
RES_A2#
RES_B2#
RES_A3#
RES_B3#
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power-on
State
111
1
1
1
1
1
Note: R=Read only, W=Write only, R/W=Read and Write, X=Undefined, rsvd=reserved for future use
The Channel Reset register allows for restart of an individual channels Receiver Detect function. A transition from 0 to 1 initiates a
new Receiver Detect cycle (if the channel is enabled and receiver detect is enabled). While static at 0 or 1, the RES_zy# bit will have
no effect on operation. The Channel Reset bits are read/write allowing the current state to be checked.
07-0277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com