công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CWPROTOCOL bảng dữ liệu(PDF) 2 Page - Veris. All Rights Reserved.

tên linh kiện CWPROTOCOL
Giải thích chi tiết về linh kiện  Gas Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VERIS [Veris. All Rights Reserved.]
Trang chủ  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

CWPROTOCOL bảng dữ liệu(HTML) 2 Page - Veris. All Rights Reserved.

  CWPROTOCOL Datasheet HTML 1Page - Veris. All Rights Reserved. CWPROTOCOL Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Resolution
0.1 °C (0.2 °F)
Range
10 to 35 °C (50 to 95 °F)
RELAY CONTACTS
1 Form C (SPDT)
1 A@30 Vdc, resistive; 30 W max.
WARRANTY
Limited Warranty
5 years
AGENCY APPROVALS
POWER SUPPLY
12 to 30 Vdc, 24 Vac
CONTROL SYSTEM
COMMON
RS-485+
RS-485 -
SHIELD
K1 N.O.
COMMON
K1 N.C.
+
-
-
4.8"
(122 mm)
1.2"
(30 mm)
3.5"
(89 mm)
Local
Display
L = LCD
X = No Display
Protocol
P= Protocol
RH Option
X = No RH
2 = RH 2% NIST
H = RH 2%
Temp. Option
X = No Temp
T = Temp Transmitter
Temp Cal. Cert.
X = None
1 = 1 pt. cal. cert.*
2 = 2 pt. cal. cert.*
Option
Blank = None
1 = Pushbutton override
2 = Set point slider
3 = Pushbutton override
+ setpoint slider
Housing
Blank = Cloud white
B = Black
*Only available if temperature option is selected.
EMC Conformance: Low voltage directive 2014/35/EU and EMC directive 2014/30/EU.
EMC Special Note: Connect this product to a DC distribution network or an AC/DC power
adaptor with proper surge protection (EN 61000-6-1:2007 specification requirements)
* Measured at NTP
** Specified accuracy with 24 Vdc supplied power with rising humidity.
*** Reset rate is the time required to recover to 50% RH after exposure to 90% RH for 24
hours.
† The CE mark indicates RoHS2 compliance. Please refer to the CE Declaration of Conformity
for additional details.
Note: Rough handling and transportation may cause a temporary reduction of CO
2 sensor
accuracy. With time, the ABC function will tune the readings back to the correct accuracy
range. The default tuning speed is limited to 30 ppm per week.
ORDERING INFORMATION
SPECIFICATIONS, CONT.
WIRING DIAGRAM
DIMENSIONAL DRAWING
CW
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | www.veris.com
TM
Air Quality / Gas Detection | CW Protocol Series
Example:
CW
H
T
X
3
P
L
HQ0001721.F 0117



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com