công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CWPROTOCOL bảng dữ liệu(PDF) 1 Page - Veris. All Rights Reserved.

tên linh kiện CWPROTOCOL
Giải thích chi tiết về linh kiện  Gas Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VERIS [Veris. All Rights Reserved.]
Trang chủ  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

CWPROTOCOL bảng dữ liệu(HTML) 1 Page - Veris. All Rights Reserved.

  CWPROTOCOL Datasheet HTML 1Page - Veris. All Rights Reserved. CWPROTOCOL Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Power
Class 2; 12 to 30 Vdc, 24 Vac 50/60 Hz; 100 mA
max.
Operating Temp Range
No humidity option: 0 to 50 °C (32 to 122 °F);
With humidity option: 10 to 35 °C (50 to 95 °F)
Operating Humidity Range
0 to 95% RH non-condensing
Housing Material
High impact ABS plastic, UL 94 V0
Terminal Block Torque
0.22 N-m (2.0 in-lbf) max.
Terminal Block Wire Size
30 to 18 AWG (0.08-0.5mm2)
Protocol
BACnet or Modbus (selectable)
Connection
2-wire RS-485
Data Rate
9600, 19200, 38400, 57600 (Modbus),
bps (selectable);
9600, 19200, 38400, 76800 (BACnet),
bps (selectable)
Parity
None/Odd/Even (selectable-Modbus); None
(BACnet)
Address Range
1 to 127
Setpoint Slider Resolution
Option
1% full scale
Override Button Option
Remotely readable and resettable
CW Protocol Series is a non-dispersive infrared (NDIR) sensor designed
for measuring CO
2 concentration in ventilation systems and indoor
living spaces. Its measurement range of 0 to 5000 ppm makes it the
premier solution for meeting ASHRAE and other ventilation efficiency
standards.
CW Protocol devices feature embedded BACnet and Modbus
communication protocols, as well as optional temperature and humidity
sensors. An adjustable setpoint relay is provided for direct control and
alarm applications, and the optional setpoint slider and pushbutton
override offer additional local input.
CWLP
CWXP
CO2 TRANSMITTER
Sensor Type
Non-dispersive infrared (NDIR) diffusion
sampling
Measurement Range
0 to 5000 ppm
Accuracy*
±30 ppm ±2% of measured value
Repeatability
±20 ppm ±1% of measured value
RH TRANSMITTER OPTION
HS Sensor
Replaceable digitally profiled thin-film
capacitive ; (32-bit mathematics); U.S. Patent
5,844,138
Accuracy**
±1% from 12 to 60% RH; ±2% from 10 to 80%
RH; NIST traceable multi-point calibration
Reset Rate***
24 hours
Stability
±1%@ 20 °C (68 °F) annually for two years
Hysteresis
1.5% typical
Temperature Coefficient
±0.1% RH/°C above/below 25 °C (typical)
TEMPERATURE TRANSMITTER OPTION
Sensor Type
Solid-state, integrated circuit
Accuracy
±0.5 °C (±1 °F) typical
APPLICATIONS
• Controlling ventilation in
response to occupancy
• Office buildings, conference
rooms, schools, retail stores, etc.
SPECIFICATIONS
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | www.veris.com
TM
Air Quality / Gas Detection | Deluxe Duct & Wall CO
2 Sensors, Protocol Communication
CW PROTOCOL SERIES
Individual or 3-in-1 with Modbus or BACnet
Protocol
Communicating
Embedded BACnet and Modbus
communication protocols…easy
systems integration
Feature override
Local feature override capability
from the building control
system…added control and
flexibility
Configurable
baud rates
Configurable to multiple baud
rates…transfer data at the
right speed for the system
Self-calibrating
Innovative self-calibration
algorithm…maximizes
performance. Field calibratable…
minimizes downtime.
CO
2, RH, temp
CO
2, humidity, and temperature
sensors in one device at one
address…provides more
information and maximizes
system capacity
NIST or standard
Available with 2% NIST or
2% standard RH
HQ0001721.F 0117


Số phần tương tự - CWPROTOCOL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
nVent Electric plc
CWP NVENT-CWP Datasheet
681Kb / 6P
Wall-Mount Cabinets PROTEK Single-Door and Double-Hinged Cabinets
logo
PREMO CORPORATION S.L
CWP-0061B1 PREMO-CWP-0061B1 Datasheet
348Kb / 2P
High Precission 50 Hz KWh-meter Current Transformer
CWP-0062B1 PREMO-CWP-0062B1 Datasheet
348Kb / 2P
High Precission 50 Hz KWh-meter Current Transformer
CWP-0600B2 PREMO-CWP-0600B2 Datasheet
348Kb / 2P
High Precission 50 Hz KWh-meter Current Transformer
CWP-1000B3 PREMO-CWP-1000B3 Datasheet
348Kb / 2P
High Precission 50 Hz KWh-meter Current Transformer
More results

Mô tả tương tự - CWPROTOCOL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
B59010D1135B040 EPCOS-B59010D1135B040 Datasheet
68Kb / 3P
Liquid level detection in tanks (oil, gas, etc.) and home appliances
logo
Figaro Engineering Inc.
TGS2610 FIGARO-TGS2610 Datasheet
279Kb / 2P
Detection of LP Gas
logo
Zhengzhou Winsen Electr...
ZE03 WINSEN-ZE03 Datasheet
477Kb / 7P
Electrochemical Gas Detection Module
ZP04 WINSEN-ZP04 Datasheet
425Kb / 7P
Combustible Gas Detection Module
ZP06 WINSEN-ZP06 Datasheet
419Kb / 5P
Vehicle-Mounted Fuel Gas Leakage Detection Module
ZP10 WINSEN-ZP10 Datasheet
430Kb / 5P
Vehicle-Mounted Fuel Gas Leakage Detection Module
ZP14 WINSEN-ZP14 Datasheet
348Kb / 8P
Combustible Gas Detection Module
WSP5110 WINSEN-WSP5110 Datasheet
767Kb / 7P
Refrigerant detection Gas Sensor
ZE11 WINSEN-ZE11 Datasheet
537Kb / 6P
Electrochemical Gas Detection Module
ZE12 WINSEN-ZE12 Datasheet
357Kb / 6P
Electrochemical Gas Detection Module
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com