công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO5081LP10 bảng dữ liệu(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO5081LP10
Giải thích chi tiết về linh kiện  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 bảng dữ liệu(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5081LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
Pending;
VTS: 1 V → 1.5 V
VHYS-0°C
Hysteresis at 0°C
Charge pending to low
temp charging;
VTS: 1.5 V → 1 V
60
mV
VTS-10°C
Low temperature, half charge
Normal charging to low
temp charging;
VTS: 0.5 V → 1 V
920
mV
VHYS-10°C
Hysteresis at 10°C
Low temp charging to
normal CHG;
VTS: 1 V → 0.5 V
20
mV
VTS-45°C
High temperature at 4.1 V
Normal charging to high
temp CHG;
VTS: 0.5 V → 0.2 V
246.8
mV
VHYS-45°C
Hysteresis at 45°C
High temp charging to
normal CHG;
VTS: 0.2 V → 0.5 V
10
mV
VTS-EN-10k
Charge Enable Threshold,
(10k NTC)
VTS: 0 V → 0.175 V;
100
mV
VTS-DIS_HYS-10k
HYS below VTS-EN-10k to Disable,
(10k NTC)
VTS: 0.125 V → 0 V;
12
mV
THERMAL REGULATION
TJ(REG)
Temperature regulation limit
135
°C
TJ(OFF)
Thermal shutdown temperature
155
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
LOGIC LIVELS ON ISET2
VIL
Logic LOW input voltage
Sink 0.5 μA
0.5
V
VIH
Logic HIGH input voltage
Source 0.9 μA
2.5
V
IIL
Sink current required for LO
VISET2 = 0.5 V
0.5
μA
IIH
Source current required for HI
VISET2 = 2.5 V
0.9
μA
VFLT
ISET2 Float Voltage
1.1
1.5
1.9
V
LOGIC LEVELS ON /CHG AND /PG
VOL
Output LOW voltage
ISINK = 5 mA
0.4
V
ILEAK
Leakage current into IC
V/CHG = 5 V, V/PG = 5 V
1
μA
INPUT
tDGL(PG_ PWR)
Deglitch time on exiting sleep.
Time measured from VIN:
0V → 5 V 1μs rise-time to
/PG = Low, VBAT = 3.6 V
0.5
ms
tDGL(OVP-SET)
Input over-voltage blanking time
VIN: 5 V → 12 V
5
μs
tDGL(OVP-REC)
Deglitch time exiting OVP
Time measured from VIN:
12 V → 5 V 1μs fall-time
to /PG = LO
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com