| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTJ2QLP bảng dữ liệu(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CTJ2QLP bảng dữ liệu(HTML) 3 Page - Clarke International |
|
3 / 16 page ![]() 3 SAFETY PRECAUTIONS 1. This jack is for lifting only, do not move a load using the jack as a dolly. 2. Do not use to lift people. 3. Always inspect the jack before use. Make sure that all parts are in good condition and operating smoothly, and that no cracks or distortion is apparent. If in doubt do not use. Have the damaged parts replaced or consult your CLARKE dealer. 4. Make sure that the jack is on a firm, solid, level base, and that there is no possibility of it slipping when under load. 5. Make sure the load is taken by the full saddle and that the point of lift on the load, is strong enough to support the load adequately. 6. Do not work under the raised vehicle until it is supported by suitable means e.g. axle stands, NEVER rely on the jack to support the vehicle by itself. 7. Never push a load off the jack. 8. Ensure that all personnel are well clear of a load being raised or lowered. 9. Do not try to lift more than the rated load for the jack, (See “Specifications” on page 2.) 10. Do not use the jack if an oil leak is apparent. Consult your Clarke dealer. 11. Consult the vehicle handbook to determine the correct lifting points. 12. It is necessary that the operator watch the jack and the load during operation. 13. Check the condition of the labels regularly and replace as required. 14. The jack must be maintained and repaired in accordance with the these instructions and such work be carried out by qualified persons. 15. Do not make any adjustments to any valves on the jack. WARNING: THE OPERATOR MUST FOLLOW ALL INSTRUCTIONS WITHIN THIS INSTRUCTION BOOKLET |