| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CTJ2QLP bảng dữ liệu(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CTJ2QLP bảng dữ liệu(HTML) 4 Page - Clarke International |
|
4 / 16 page ![]() 4 UNPACKING AND ASSEMBLY 1. Remove the retaining clip by pressing the handle yoke down- wards and pulling the clip away. 2. Loosen the bolt in the yoke until the lower handle can be inserted fully into the handle socket. • The lower handle has a groove which should engage with the bolt once it is re-tightened. • The socket in the handle will engage with the jack control valve at the base of the yoke. 3. Tighten the bolt to secure the lower handle to the jack. 4. Add the upper handle by sliding it onto the lower handle and secure with the bolt provided. |