| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS1224LI bảng dữ liệu(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
JS1224LI bảng dữ liệu(HTML) 4 Page - Clarke International |
|
4 / 16 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 18. If acid comes into contact with the eyes, flush the eyes with clean water continuously and seek medical help. ENVIRONMENTAL RECYCLING POLICY Through purchase of this product, the customer is taking on the obligation to deal with the WEEE in accordance with the WEEE regulations in relation to the treatment, recycling & recovery and environmentally sound disposal of the WEEE. In effect, this means that this product must not be disposed of with general household waste but in accordance with the laws governing Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal facility. ELECTRICAL SYMBOLS DISPLAYED ON THE PRODUCT Always read instructions before use Insulation Class III appliance Class II appliance without an earth connection (charger only) Positive tip plug (charging lead) WARNING: ALL LEAD ACID BATTERIES IN VEHICLES GENERATE HYDROGEN GAS DURING NORMAL OPERATION. OVERCHARGING A BATTERY CAN PRODUCE HYDROGEN SULFIDE GAS WHICH IS POISONOUS TO BREATHE. ALWAYS CHARGE CAR BATTERIES IN A WELL VENTILATED SPACE. WARNING: HYDROGEN GAS AND BATTERY ACID (SULPHURIC ACID) CAN BE: EXPLOSIVE, CORROSIVE TO SKIN, EYES AND HAIR, DAMAGING TO CLOTHING AND METALS, FLAMMABLE, POISONOUS TO BREATHE |