| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9312 bảng dữ liệu(PDF) 80 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9312 bảng dữ liệu(HTML) 80 Page - SMSC Corporation |
|
80 / 458 page ![]() High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface Datasheet Revision 1.2 (04-08-08) 80 SMSC LAN9312 DATASHEET Hybrid tagging is summarized in Figure 6.9. The default VLAN ID and priority of each port may be configured via the following registers: Buffer Manager Port 0 Default VLAN ID and Priority Register (BM_VLAN_MII) Buffer Manager Port 1 Default VLAN ID and Priority Register (BM_VLAN_1) Buffer Manager Port 2 Default VLAN ID and Priority Register (BM_VLAN_2) Figure 6.9 Hybrid Port Tagging and Un-tagging Insert Tag [egress_port] Default VID [ingress_port] Un-tag Bit Y Non-tagged Y Add Tag VID = Default VID [ingress_port] Priority = Default Priority [ingress_port] Y Send Packet Untouched N Priority Tagged Default VID [ingress_port] Un-tag Bit Y Strip Tag N Normal Tagged Received VID Un-tag Bit Y Strip Tag Change Tag [egress_port] N N Send Packet Untouched Y Change Priority [egress_port] Modify Tag VID = Default VID [ingress_port] Priority = Default Priority [ingress_port] N Change VLAN ID [egress_port] Change Priority [egress_port] Change Priority [egress_port] Y N N Modify Tag VID = Default VID [egress_port] Priority = Default Priority [egress_port] Y Modify Tag VID = Default VID [egress_port] Priority = Unchanged N Y Modify Tag VID = Unchanged Priority = Default Priority [egress_port] Special Tagged Strip Tag Modify Tag VID = Default VID [ingress_port] Priority = Unchanged N Receive Tag Type |