| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATTM560 bảng dữ liệu(PDF) 11 Page - ABB |
|
|
|||||||||||||||||||||||||||||
ATTM560 bảng dữ liệu(HTML) 11 Page - ABB |
|
11 / 12 page ![]() Switching - Cam Switches IP65 Plastic Enclosure 3 www.abb.com/lowvoltage email info@gb.abb.com Telephone 02476 368500 Facsimile 02476 368401 3/11 Enclosed Cam switches • For use where multi-pole switching is required • Neutral and earth terminal, 6mm2 included ON-OFF Switches IP65 Dimensions No of Poles Function H W D Order Code Price £ 2 pole O - I 96 96 70 ONA2EPB 14.27 3 pole O - I 96 96 70 ONA3EPB 15.80 4 pole O - I 96 96 70 ONA4EPB 17.34 5 pole O - I 96 96 85 ONA5EPB 23.71 6 pole O - I 96 96 85 ONA6EPB 25.41 8 pole O - I 96 96 108 ONA8EPB 38.47 9 pole O - I 96 96 138 ONA9EPB 40.87 ON-OFF Switches, Padlockable Handle IP65 Dimensions No of Poles Function H W D Order Code Price £ 2 pole O - I 96 96 70 ONA2EZB 17.71 3 pole O - I 96 96 70 ONA3EZB 19.24 4 pole O - I 96 96 70 ONA4EZB 20.77 5 pole O - I 96 96 85 ONA5EZB 23.71 6 pole O - I 96 96 85 ONA6EZB 25.41 8 pole O - I 96 96 108 ONA8EZB 38.47 9 pole O - I 96 96 138 ONA9EZB 40.87 ON-OFF Switches, Key Operated IP54 Dimensions No of Poles Function H W D Order Code Price £ 3 pole O - I 96 96 100 ONA2EKB 24.21 Change-over Switches IP65 Dimensions No of Poles Function H W D Order Code Price £ 1 pole 1 - O - 2 96 96 100 ONU1EPB 13.73 Reversing Switches IP65 Dimensions No of Poles Function H W D Order Code Price £ 3 pole 1 - O - 2 96 96 100 ONW3EPB 26.62 Star Delta Switches IP65 Dimensions (A) Function H W D Order Code Price £ 25 O - Y - 305 215 185 ONSDEPB 35.05 40 O - Y - 305 215 185 OL40SDEPB 43.62 Empty Enclosure IP65 Dimensions H W D Order Code Price £ Complete with knockouts 96 96 108 OTC4-M25 7.83 |