| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATTM560 bảng dữ liệu(PDF) 2 Page - ABB |
|
|
|||||||||||||||||||||||||||||
ATTM560 bảng dữ liệu(HTML) 2 Page - ABB |
|
2 / 12 page ![]() www.abb.com/lowvoltage email info@gb.abb.com Telephone 02476 368500 Facsimile 02476 368401 3/2 3 • IP65 three and four-pole switch disconnectors suitable for load break switching or isolation. • Polycarbonate enclosure. IEC 60947-3 Polycarbonate Enclosure 9kW ... 11kW 3 pole Rating@415v kW Dimensions Number [Ith A] [AC22] [AC23] H W D of Poles Order Code Price £ 32 25 9 125 100 107 3 S37K5N 20.05 40 40 11 125 100 107 3 S315KN 26.34 Polycarbonate Enclosure 9kW ... 37kW 4 pole Rating@415v kW Dimensions Number [Ith A] [AC22] [AC23] H W D of Poles Order Code Price £ 32 25 9 125 100 107 4 S47K5N 20.05 40 40 11 125 100 107 4 S415KN 26.34 63 63 22 170 140 108 4 S418KN 46.64 80 80 37 170 140 108 4 S426KN 65.72 Auxiliary Contacts Auxiliary contacts n.o. n.c. Order Code Price £ 10 1 - OA1G10 4.98 10 - 1 OA1G01 4.98 10 1 1 OA2G11 6.81 Note: A maximum of two auxiliary contact blocks can be fitted to each switch S37K5N Switching - Loadbreak Switches IP65 Polycarbonate Enclosure “Now fitted with the ‘OT’ load break switch giving greater ratings and performance” |