| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2434BSDFHIALVR bảng dữ liệu(PDF) 96 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR bảng dữ liệu(HTML) 96 Page - Texas Instruments |
|
96 / 282 page ![]() Table 5-85. Connectivity Requirements (ALV/ANI Package) (continued) BALL NUMBER BALL NAME CONNECTION REQUIREMENTS G20 F20 E21 D20 G21 F21 F19 E20 ADC0_AIN0 ADC0_AIN1 ADC0_AIN2 ADC0_AIN3 ADC0_AIN4 ADC0_AIN5 ADC0_AIN6 ADC0_AIN7 Any unused ADC0_AIN[7:0] ball must be pulled to VSS through a resistor or connected directly to VSS when VDDA_ADC is connected to a power source. F7 G6 H7 J6, K7 L6 J8 VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR VDDS_DDR_C If DDRSS0 is not used, each of these balls must be connected directly to VSS. AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 96 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |