công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2434BSDFHIALVR bảng dữ liệu(PDF) 72 Page - Texas Instruments

tên linh kiện AM2434BSDFHIALVR
Giải thích chi tiết về linh kiện  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434BSDFHIALVR bảng dữ liệu(HTML) 72 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 68Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 69Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 70Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 71Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 72Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 73Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 74Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 75Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 282 page
background image
Table 5-41. GPIO1 Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
GPIO1_54
IO
General Purpose Input/Output
B16
B9
GPIO1_55
IO
General Purpose Input/Output
A16
A9
GPIO1_56
IO
General Purpose Input/Output
E15
B12
GPIO1_57
IO
General Purpose Input/Output
E14
A12
GPIO1_58
IO
General Purpose Input/Output
D16
C11
GPIO1_59
IO
General Purpose Input/Output
E16
A11
GPIO1_60
IO
General Purpose Input/Output
A17
B13
GPIO1_61
IO
General Purpose Input/Output
B17
A14
GPIO1_62
IO
General Purpose Input/Output
C17
B14
GPIO1_63
IO
General Purpose Input/Output
D17
A15
GPIO1_64
IOD
General Purpose Input/Output
A18
B16
GPIO1_65
IOD
General Purpose Input/Output
B18
B15
GPIO1_66
IO
General Purpose Input/Output
C18
A17
GPIO1_67
IO
General Purpose Input/Output
B19
B18
GPIO1_68 (1) (2)
IO
General Purpose Input/Output
D18
GPIO1_69
IO
General Purpose Input/Output
A19
A18
GPIO1_70 (1) (2)
IOD
General Purpose Input/Output
C19
GPIO1_71 (1)
IO
General Purpose Input/Output
K18
K18
GPIO1_72 (1)
IO
General Purpose Input/Output
K19
K20
GPIO1_73 (1)
IO
General Purpose Input/Output
L21
J19
GPIO1_74 (1)
IO
General Purpose Input/Output
K21
J18
GPIO1_75 (1)
IO
General Purpose Input/Output
L20
J20
GPIO1_76 (1)
IO
General Purpose Input/Output
J19
J21
GPIO1_77 (1)
IO
General Purpose Input/Output
D19
B17
GPIO1_78 (1)
IO
General Purpose Input/Output
C20
C16
GPIO1_79
IO
General Purpose Input/Output
E19
B19
(1)
This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
(2)
This GPIO1 signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and Signals for
additional details.
MCU Domain Instances
Table 5-42. MCU_GPIO0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
MCU_GPIO0_0 (1)
IO
General Purpose Input/Output
E8
C2
MCU_GPIO0_1 (1)
IO
General Purpose Input/Output
D8
D4
MCU_GPIO0_2
IO
General Purpose Input/Output
A8
B2
MCU_GPIO0_3
IO
General Purpose Input/Output
A9
D6
MCU_GPIO0_4 (2)
IO
General Purpose Input/Output
B6
MCU_GPIO0_5 (1) (2)
IO
General Purpose Input/Output
A7
MCU_GPIO0_6 (1) (2)
IO
General Purpose Input/Output
B7
MCU_GPIO0_7 (2)
IO
General Purpose Input/Output
D7
MCU_GPIO0_8 (2)
IO
General Purpose Input/Output
C7
MCU_GPIO0_9 (2)
IO
General Purpose Input/Output
C8
MCU_GPIO0_10 (2)
IO
General Purpose Input/Output
E7
MCU_GPIO0_11 (2)
IO
General Purpose Input/Output
E6
MCU_GPIO0_12 (1) (2)
IO
General Purpose Input/Output
C6
MCU_GPIO0_13 (1) (2)
IO
General Purpose Input/Output
D6
MCU_GPIO0_14 (2)
IO
General Purpose Input/Output
C9
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
72
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com