công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2432BSDFHIALVR.B bảng dữ liệu(PDF) 82 Page - Texas Instruments

tên linh kiện AM2432BSDFHIALVR.B
Giải thích chi tiết về linh kiện  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AM2432BSDFHIALVR.B bảng dữ liệu(HTML) 82 Page - Texas Instruments

Back Button AM2432BSDFHIALVR.B Datasheet HTML 78Page - Texas Instruments AM2432BSDFHIALVR.B Datasheet HTML 79Page - Texas Instruments AM2432BSDFHIALVR.B Datasheet HTML 80Page - Texas Instruments AM2432BSDFHIALVR.B Datasheet HTML 81Page - Texas Instruments AM2432BSDFHIALVR.B Datasheet HTML 82Page - Texas Instruments AM2432BSDFHIALVR.B Datasheet HTML 83Page - Texas Instruments AM2432BSDFHIALVR.B Datasheet HTML 84Page - Texas Instruments AM2432BSDFHIALVR.B Datasheet HTML 85Page - Texas Instruments AM2432BSDFHIALVR.B Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 282 page
background image
Table 5-63. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
VDDA_0P85_SERDES0_C
PWR
SERDES0 clock 0.85V analog supply
P11
VDDA_0P85_USB0
PWR
USB0 0.85V analog supply
T12
V16
VDDA_1P8_SERDES0
PWR
SERDES0 1.8V analog supply
R14
VDDA_1P8_USB0
PWR
USB0 1.8V analog supply
R15
U15
VDDA_3P3_SDIO
PWR
SDIO_LDO 3.3V analog supply
H15
K15
VDDA_3P3_USB0
PWR
USB0 3.3V analog supply
R13
U16
VDDA_ADC
PWR
ADC0 analog supply
J13
G17, H17
VDDA_MCU
PWR
RCOSC, POR, POK, and MCU_PLL0 analog supply
K12
H14
VDDA_PLL0
PWR
MAIN_PLL0, MAIN_PLL2, and MAIN_PLL14 analog supply
N12
N12
VDDA_PLL1
PWR
MAIN_PLL8 and MAIN_PLL12 analog supply
H9
G9
VDDA_PLL2
PWR
MAIN_PLL1 analog supply
J11
G12
VDDA_TEMP0
PWR
TEMP0 analog supply
G11
G11
VDDA_TEMP1
PWR
TEMP1 analog supply
L11
M11
VDDR_CORE
PWR
RAM supply
L10, M13
G5, G6, J10, J12,
P14, P8, R10
VDDSHV0
PWR
IO supply for IO group 0
F11, G12, G14
C13, D13, E14
VDDSHV1
PWR
IO supply for IO group 1
M7, N6, P7
L6, M6, P5, P6
VDDSHV2
PWR
IO supply for IO group 2
R10, R8, T9
T11, T8, U11, U7,
U8
VDDSHV3
PWR
IO supply for IO group 3
P14, P15
R17, T17
VDDSHV4
PWR
IO supply for IO group 4
M14, M15
N16, N17
VDDSHV5
PWR
IO supply for IO group 5
L14, L15
L16, L17
VDDSHV_MCU
PWR
IO supply for IO MCU
F9, G10, G8
E7, E8, E9
VDDS_DDR
PWR
DDR PHY IO supply
F7, G6, H7, J6, K7,
L6
VDDS_DDR_C
PWR
DDR clock IO supply
J8
VDDS_MMC0
PWR
MMC0 PHY IO supply
K14
VDDS_OSC
PWR
MCU_OSC0 supply
H13
F18
VDD_CORE
PWR
Core supply
J10, J12, K11, K9,
L12, L8, M11, M9,
N10, N8, P9
F11, G10, H15,
H8, J9, K11, K14,
L13, L9, M14, M8,
N10, N9, R12,
R13, R9
VDD_DLL_MMC0
PWR
MMC0 PLL analog supply
H14
VDD_MMC0
PWR
MMC0 PHY core supply
K13
VPP
PWR
eFuse ROM programming supply
G15
E16
VSS
GND
Ground
A1, A21, A5, A6,
AA1, AA15, AA18,
AA21, C10, C15,
C3, D1, E11, E13,
F10, F15, F8, G1,
G16, G3, G7, G9,
H11, H20, H21,
H6, H8, J14, J7,
J9, K6, K8, L1,
L16, L3, L7, L9,
M10, M12, M6,
M8, N11, N13,
N15, N7, N9, P1,
P10, P18, P6, P8,
R12, R7, R9, T10,
T11, T15, T16, T8,
U3, V17, W10,
W18, Y14, Y17,
Y19
A1, A2, A20, A21,
AA1, AA2, AA20,
AA21, B1, B21,
D10, D16, D17,
E11, E13, E6, F17,
F8, G16, H16, H6,
H7, J11, J16, J5,
J6, K16, K6, K7,
K8, L10, L11, L12,
M15, M16, M7,
N11, N13, N6, P11,
P15, P16, P7, R11,
R6, T14, U6, Y1,
Y21
(1)
This pin must always be connected via a 6.3V or greater, 0.8uF to 1.5μF capacitor to VSS if the respective VDDSHVx pin is ever
operated at 3.3V. The capacitor selected must provide a capacitance within the defined range after it has been derated for DC-bias,
operating temperature, and aging effects. There are three connection options if the respective VDDSHVx pin is only operated at 1.8V.
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
82
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com