công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2431BSDFHIALVR bảng dữ liệu(PDF) 116 Page - Texas Instruments

tên linh kiện AM2431BSDFHIALVR
Giải thích chi tiết về linh kiện  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDFHIALVR bảng dữ liệu(HTML) 116 Page - Texas Instruments

Back Button AM2431BSDFHIALVR Datasheet HTML 112Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 113Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 114Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 115Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 116Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 117Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 118Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 119Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 282 page
background image
(3)
ADC0 can be configured to operate in General Purpose Input mode, where all ADC0_AIN[7:0] inputs are globally enabled to operate
as digital inputs via the ADC0_CTRL register (GPI_MODE_EN = 1).
6.7.9 USB2PHY Electrical Characteristics
Note
USB0 interface is compliant with Universal Serial Bus Revision 2.0 Specification dated April 27, 2000
including ECNs and Errata as applicable.
6.7.10 SerDes PHY Electrical Characteristics
Note
The PCIe interface is compliant with the electrical parameters specified in PCI Express® Base
Specification Revision 4.0, February 19, 2014.
Note
USB0 instance is compliant with the USB3.1 SuperSpeed Transmitter and Receiver Normative
Electrical Parameters as defined in the Universal Serial Bus 3.1 Specification, Revision 1.0 , July
26, 2013.
6.7.11 DDR Electrical Characteristics
Note
The DDR interface is compatible with DDR4 devices that are JESD79-4B standard-compliant, and
LPDDR4 devices that are JESD209-4B standard-compliant
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
116
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com