| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2431BSDFHIALVR bảng dữ liệu(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDFHIALVR bảng dữ liệu(HTML) 74 Page - Texas Instruments |
|
74 / 282 page ![]() Table 5-43. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] ((2)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] GPMC0_A15 OZ GPMC address 15 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode R6, V10 AA8, N1 GPMC0_A16 OZ GPMC address 16 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode T5, U10 N4, Y9 GPMC0_A17 OZ GPMC address 17 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode AA11, U1 E1, W9 GPMC0_A18 OZ GPMC address 18 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode T4, Y11 L2, V9 GPMC0_A19 OZ GPMC address 19 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode R5, Y10 F5, Y8 GPMC0_A20 OZ GPMC address 20 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode R21 GPMC0_A21 OZ GPMC address 21 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode Y18 GPMC0_A22 OZ GPMC address 22 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode N16 GPMC0_AD0 IO GPMC Data 0 Input/Output in A/D non-multiplexed mode and additionally Address 1 Output in A/D multiplexed mode T20 R21 GPMC0_AD1 IO GPMC Data 1 Input/Output in A/D non-multiplexed mode and additionally Address 2 Output in A/D multiplexed mode U21 R20 GPMC0_AD2 IO GPMC Data 2 Input/Output in A/D non-multiplexed mode and additionally Address 3 Output in A/D multiplexed mode T18 T19 GPMC0_AD3 IO GPMC Data 3 Input/Output in A/D non-multiplexed mode and additionally Address 4 Output in A/D multiplexed mode U20 V21 GPMC0_AD4 IO GPMC Data 4 Input/Output in A/D non-multiplexed mode and additionally Address 5 Output in A/D multiplexed mode U18 U21 GPMC0_AD5 IO GPMC Data 5 Input/Output in A/D non-multiplexed mode and additionally Address 6 Output in A/D multiplexed mode U19 T20 GPMC0_AD6 IO GPMC Data 6 Input/Output in A/D non-multiplexed mode and additionally Address 7 Output in A/D multiplexed mode V20 T18 GPMC0_AD7 IO GPMC Data 7 Input/Output in A/D non-multiplexed mode and additionally Address 8 Output in A/D multiplexed mode V21 U19 GPMC0_AD8 IO GPMC Data 8 Input/Output in A/D non-multiplexed mode and additionally Address 9 Output in A/D multiplexed mode V19 U18 GPMC0_AD9 IO GPMC Data 9 Input/Output in A/D non-multiplexed mode and additionally Address 10 Output in A/D multiplexed mode T17 U20 GPMC0_AD10 IO GPMC Data 10 Input/Output in A/D non-multiplexed mode and additionally Address 11 Output in A/D multiplexed mode R16 V20 GPMC0_AD11 IO GPMC Data 11 Input/Output in A/D non-multiplexed mode and additionally Address 12 Output in A/D multiplexed mode W20 W20 GPMC0_AD12 IO GPMC Data 12 Input/Output in A/D non-multiplexed mode and additionally Address 13 Output in A/D multiplexed mode W21 Y20 GPMC0_AD13 IO GPMC Data 13 Input/Output in A/D non-multiplexed mode and additionally Address 14 Output in A/D multiplexed mode V18 Y19 GPMC0_AD14 IO GPMC Data 14 Input/Output in A/D non-multiplexed mode and additionally Address 15 Output in A/D multiplexed mode Y21 Y18 GPMC0_AD15 IO GPMC Data 15 Input/Output in A/D non-multiplexed mode and additionally Address 16 Output in A/D multiplexed mode Y20 AA19 GPMC0_AD16 IO GPMC Data 16 Input/Output in A/D non-multiplexed mode and additionally Address 17 Output in A/D multiplexed mode Y7 V4 GPMC0_AD17 IO GPMC Data 17 Input/Output in A/D non-multiplexed mode and additionally Address 18 Output in A/D multiplexed mode U8 W5 GPMC0_AD18 IO GPMC Data 18 Input/Output in A/D non-multiplexed mode and additionally Address 19 Output in A/D multiplexed mode W8 AA4 GPMC0_AD19 IO GPMC Data 19 Input/Output in A/D non-multiplexed mode and additionally Address 20 Output in A/D multiplexed mode V8 Y5 GPMC0_AD20 IO GPMC Data 20 Input/Output in A/D non-multiplexed mode and additionally Address 21 Output in A/D multiplexed mode Y8 AA5 AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 74 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |