| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2431BSDFHIALVR bảng dữ liệu(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDFHIALVR bảng dữ liệu(HTML) 67 Page - Texas Instruments |
|
67 / 282 page ![]() 5.3.9 EQEP MAIN Domain Instances Table 5-29. EQEP0 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EQEP0_A (1) I EQEP Quadrature Input A D15, N16, Y2 B10, L5 EQEP0_B (1) I EQEP Quadrature Input B C16, N17, W2 B11, J2 EQEP0_I (1) IO EQEP Index A16, R20, T6, Y5 A9, R2, T4 EQEP0_S (1) IO EQEP Strobe B16, R19, V3 B9, M2 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 5-30. EQEP1 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EQEP1_A (1) I EQEP Quadrature Input A E15, T4, W20 B12, L2, W20 EQEP1_B (1) I EQEP Quadrature Input B E14, W21, W3 A12, L3, Y20 EQEP1_I (1) IO EQEP Index E16, R21, U6, V6 A11, R5, U2 EQEP1_S (1) IO EQEP Strobe D16, P19, P4 C11, E3 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 5-31. EQEP2 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] EQEP2_A (1) I EQEP Quadrature Input A C17, R5 B14, F5 EQEP2_B (1) I EQEP Quadrature Input B D17, W5, Y4 A15, P2, T5 EQEP2_I (1) IO EQEP Index A17, W4 B13, P1 EQEP2_S (1) IO EQEP Strobe B17, R1 A14, F4 (1) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. 5.3.10 FSI MAIN Domain Instances Table 5-32. FSI0 RX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_RX0_CLK I FSI Receiver Clock V19 U18 FSI_RX0_D0 I FSI Receiver Data 0 T17 U20 FSI_RX0_D1 I FSI Receiver Data 1 R16 V20 Table 5-33. FSI0 TX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_TX0_CLK O FSI Transmitter Clock T19 P21 FSI_TX0_D0 O FSI Transmitter Data 0 Y21 Y18 FSI_TX0_D1 O FSI Transmitter Data 1 Y20 AA19 Table 5-34. FSI1 RX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_RX1_CLK I FSI Receiver Clock W20 W20 www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 67 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |