công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPG2 bảng dữ liệu(PDF) 126 Page - ABB

tên linh kiện OPG2
Giải thích chi tiết về linh kiện  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB

OPG2 bảng dữ liệu(HTML) 126 Page - ABB

Back Button OPG2 Datasheet HTML 122Page - ABB OPG2 Datasheet HTML 123Page - ABB OPG2 Datasheet HTML 124Page - ABB OPG2 Datasheet HTML 125Page - ABB OPG2 Datasheet HTML 126Page - ABB OPG2 Datasheet HTML 127Page - ABB OPG2 Datasheet HTML 128Page - ABB OPG2 Datasheet HTML 129Page - ABB OPG2 Datasheet HTML 130Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 192 page
background image
—
Accessories for manual switch-disconnectors OT160...4000
Dimensional drawings for pistol handles
Plastic handles, type OHB
Stainless steel handles
Door drilling for OHM_ handles:
Ø31/1.22
Ø5/0.2
45°
53/2.09
53/
2.09
Handle type
Shaft
diameter B
Length L
Length L
mm
mm
in
OHM65L6
6
65
2.56
OHM125L12
12
125
4.92
OHM175L12
12
175
6.89
OHM275L12
12
275
10.83
L
B
37/1.46 51/2.01
Ø69/2.72
Handle type
Length L
Length L
mm
in
OHB150J12P
300
11.81
OHB200J12P
400
15.75
Ø31/1.22
Ø5/0.2
45°
53/2.09
53/
2.09
Door drilling for OHB_ handles:
54/2.13
71/2.76
80/3.15
L
Ø69,4
/27.32
mm/in
Main dimensions mm, inches
126
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
126
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More