| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPG2 bảng dữ liệu(PDF) 80 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 bảng dữ liệu(HTML) 80 Page - ABB |
|
80 / 192 page ![]() — Manual switch-disconnectors OT160...4000, IEC Ordering information OT2000...2500E03P — Front operated switch-disconnectors OT1000...4000, base mounting, IEC Including terminal bolt kit. In OT_P -types a black ON-OFF plastic handle and shaft as standard. The handle is IP65 protected and padlockable in the OFF position. The door is interlocked when the handle is in ON position and in OFF position when the handle is padlocked. The shaft can be adjusted to different installation depths, see page 127. Number of poles Open air thermal current Ith Rated operat. currents AC22B 400...415 V Type Order code Weight/ unit A A/A kg Handle and shat have to be ordered separately 2 3200 3200 OT3200E02 1SCA128579R1001 22.3 3 3200 3200 OT3200E03 1SCA128480R1001 29.7 4 3200 3200 OT3200E04 1SCA128479R1001 37.1 3 3200 3200 OT3200E12 1SCA128483R1001 22.3 4 3200 3200 OT3200E13 1SCA128484R1001 29.7 4 3200 3200 OT3200E22 1SCA128485R1001 37.1 2 3800 3800 OT4000E02 1SCA128596R1001 25.4 3 3800 3800 OT4000E03 1SCA124847R1001 33.9 4 3800 3800 OT4000E04 1SCA124855R1001 42.7 3 3800 3800 OT4000E12 1SCA128872R1001 33.9 4 3800 3800 OT4000E13 1SCA124859R1001 42.7 4 3800 3800 OT4000E22 1SCA124865R1001 42.5 Handle and shaft are included (see table below) 3 2000 2000 OT2000E03P 1SCA108036R1001 42.0 3+N 1) 2000 2) 2000 OT2000E03N3P 1SCA108037R1001 42.0 4 2000 2000 OT2000E04P 1SCA108038R1001 48.0 3 2000 2000 OT2000E12P 1SCA108039R1001 42.0 4 2000 2000 OT2000E22P 1SCA108041R1001 48.0 3 2500 2500 OT2500E03P 1SCA104972R1001 42.0 3+N 1) 2500 2) 2500 OT2500E03N3P 1SCA108035R1001 42.0 4 2500 2500 OT2500E04P 1SCA105140R1001 49.0 3 2500 2500 OT2500E12P 1SCA104978R1001 42.0 4 2500 2500 OT2500E22P 1SCA105156R1001 49.0 2 3200 3200 OT3200E02P 1SCA128581R1001 23.0 3 3200 3200 OT3200E03P 1SCA128481R1001 30.7 4 3200 3200 OT3200E04P 1SCA128482R1001 38.1 3 3200 3200 OT3200E12P 1SCA128486R1001 30.7 4 3200 3200 OT3200E13P 1SCA128487R1001 38.1 4 3200 3200 OT3200E22P 1SCA128488R1001 38.1 2 3800 3800 OT4000E02P 1SCA128595R1001 26.0 3 3800 3800 OT4000E03P 1SCA124848R1001 34.9 4 3800 3800 OT4000E04P 1SCA124856R1001 43.7 3 3800 3800 OT4000E12P 1SCA124852R1001 34.9 4 3800 3800 OT4000E13P 1SCA124861R1001 43.7 4 3800 3800 OT4000E22P 1SCA124869R1001 43.7 1) Include a detachable neutral link integrated into the mechanism. 2) Ith for N-pole =1250 A — Recommended shafts, pistol handles and terminal bolt kits Suitable for switches Shaft Handle Terminal bolt kits (included as standard) OT2000…2500_P OXP12X280 OHB274J12 M12x60 OT3200…4000E02...04 - - M12x60 OT3200…4000E02...04P OXP12X280 OHB274J12 M12x60 OT3200...4000E02P OT3200...4000E03P OT3200...4000E04P OT2500E12P 80 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 80 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |