| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPG2 bảng dữ liệu(PDF) 79 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPG2 bảng dữ liệu(HTML) 79 Page - ABB |
|
79 / 192 page ![]() — Manual switch-disconnectors OT160...4000, IEC Ordering information — Front operated switch-disconnectors OT1000...4000, base mounting, IEC Including terminal bolt kit, a black ON-OFF plastic pistol handle and shaft as standard. The handle is IP65 protected and padlockable in the OFF position. The door is interlocked when the handle is in ON position and in OFF position when the handle is padlocked. The shaft can be adjusted to different installation depths, see page 127. Number of poles Open air thermal current Ith Rated operat. currents AC22A/AC23A 400...415 V Type Order code Weight/ unit A A/A kg 3 1000 1000/1000 OT1000E03P 1SCA022860R5930 17.0 3+N 1) 1000 1000/1000 OT1000E03N3P 1SCA100761R1001 17.9 4 1000 1000/1000 OT1000E04P 1SCA022860R6150 19.5 3 1000 1000/1000 OT1000E12P 1SCA022871R5520 17.0 4 1000 1000/1000 OT1000E22P 1SCA022871R5610 19.5 3 1250 1250/1250 OT1250E03P 1SCA022860R6230 17.0 3+N 1) 1250 1250/1250 OT1250E03N3P 1SCA022865R7060 17.9 4 1250 1250/1250 OT1250E04P 1SCA022860R6310 19.5 3 1250 1250/1250 OT1250E12P 1SCA022871R5790 17.0 4 1250 1250/1250 OT1250E22P 1SCA022871R5870 19.5 3 1600 1600/1250 OT1600E03P 1SCA022860R6580 19.0 3+N 1) 1600 2) 1600/1250 OT1600E03N3P 1SCA022865R6920 19.9 4 1600 1600/1250 OT1600E04P 1SCA022860R6740 22.0 3 1600 1600/1250 OT1600E12P 1SCA022871R5950 19.0 4 1600 1600/1250 OT1600E22P 1SCA022871R6090 22.0 1) Include a detachable neutral link integrated into the mechanism. 2) Ith for N-pole =1250 A — Shafts, pistol handles and terminal bolt kits included as standard Suitable for switches Shaft Handle Terminal bolt kit OT1000...1250_P OXP12X280 OHB274J12 M12x50 OT1600_P OXP12X280 OHB274J12 M12x60 OT1000...1250E03P OT1600E12P OT1000...1250E22P OT1600E04P ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 79 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 79 |